Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74F1763 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74F1763
Szczegółowy opis  Intelligent DRAM controller IDC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F1763 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74F1763 Datasheet HTML 2Page - NXP Semiconductors 74F1763 Datasheet HTML 3Page - NXP Semiconductors 74F1763 Datasheet HTML 4Page - NXP Semiconductors 74F1763 Datasheet HTML 5Page - NXP Semiconductors 74F1763 Datasheet HTML 6Page - NXP Semiconductors 74F1763 Datasheet HTML 7Page - NXP Semiconductors 74F1763 Datasheet HTML 8Page - NXP Semiconductors 74F1763 Datasheet HTML 9Page - NXP Semiconductors 74F1763 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product specification
74F1763
Intelligent DRAM controller (IDC)
1999 Jan 08
6
ABSOLUTE MAXIMUM RATINGS
Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted, these limits are over the
operating free-air temperature range.
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to +VCC
V
IOUT
Current applied to output in Low output state
120
mA
TA
Operating free-air temperature range
0 to +70
_C
TSTG
Storage temperature
–65 to +150
_C
RECOMMENDED OPERATION CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current1
–15
mA
IOL
Low-level output current1
24
mA
TA
Operating free-air temperature range
0
70
_C
NOTE:
1. Transient currents will exceed these values in actual operation.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating free-air temperature range unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VCC = MIN,
IOH = –15 mA
"10% VCC
2.5
V
VOH
High-level output voltage
VCC = MIN,
VIL = MAX,
V
MIN
IOH = –15 mA
"5% VCC
2.7
3.4
V
VIH = MIN
IOH23 = –35 mA
"5% VCC
2.4
V
VCC = MIN,
IOL =24mA
"10% VCC
0.35
0.50
V
VOL
Low-level output voltage
VCC = MIN,
VIL = MAX,
V
MIN
IOL = 24 mA
"5% VCC
0.35
0.50
V
VIH = MIN
IOL24 = 60 mA
"5% VCC
0.35
0.80
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = 0.0V, VI = 7.0V
100
mA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
mA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–0.6
mA
IOS
Output current5
VCC = MAX, VO = 2.25V
–100
–225
mA
ICC
Supply current (total)
VCC = MAX
220
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, TA = 25_C.
3. IOH2 is transient current necessary to guarantee a Low to High transition in a 70W transmission line.
4. IOL2 is transient current necessary to guarantee a High to Low transition in a 70W transmission line.
5. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged
shorting of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In
any sequence of parameter tests, IOS tests should be performed last.


Podobny numer części - 74F1763

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F173 PHILIPS-74F173 Datasheet
88Kb / 10P
   Quad D-type flip-flop 3-State
1990 Aug 31
logo
National Semiconductor ...
74F174 NSC-74F174 Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
logo
NXP Semiconductors
74F174 PHILIPS-74F174 Datasheet
75Kb / 8P
   Hex D flip-flops
1988 Oct 07
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
   Hex D-Type Flip-Flop with Master Reset
74F174 FAIRCHILD-74F174 Datasheet
79Kb / 7P
   Hex D-Type Flip-Flop with Master Reset
More results

Podobny opis - 74F1763

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OptoSupply Internationa...
OE0422 OPTOSUPPLY-OE0422 Datasheet
64Kb / 1P
   PIR intelligent controller
logo
List of Unclassifed Man...
MLX90805 ETC-MLX90805 Datasheet
167Kb / 13P
   Intelligent Triac Controller
OZ960 ETC1-OZ960 Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
logo
Zilog, Inc.
Z84C1510FEC00TR ZILOG-Z84C1510FEC00TR Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84013 ZILOG-Z84013 Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C1506FEC ZILOG-Z84C1506FEC Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
Z8401510FEC ZILOG-Z8401510FEC Datasheet
1Mb / 65P
   IPC INTELLIGENT PERIPHERAL CONTROLLER
logo
Freescale Semiconductor...
MC3PHAC FREESCALE-MC3PHAC Datasheet
781Kb / 36P
   Monolithic Intelligent Motor Controller
logo
O2Micro International L...
OZ960 O2MICRO-OZ960 Datasheet
205Kb / 12P
   Intelligent CCFL Inverter Controller
10/23/01
logo
OptoSupply Internationa...
OE0622 OPTOSUPPLY-OE0622 Datasheet
82Kb / 1P
   PIR CDS intelligent controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com