Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14LC5480 Arkusz danych(PDF) 5 Page - Freescale Semiconductor, Inc

Numer części MC14LC5480
Szczegółowy opis  5 V PCM Codec-Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14LC5480 Arkusz danych(HTML) 5 Page - Freescale Semiconductor, Inc

  MC14LC5480 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
version algorithm. All of the analog circuitry involved in the
data conversion (the voltage reference, RDAC, CDAC, and
comparator) are implemented with a differential architecture.
The receive section includes the DAC described above, a
sample and hold amplifier, a 5–pole, 3400 Hz switched ca-
pacitor low–pass filter with sinX/X correction, and a 2–pole
active smoothing filter to reduce the spectral components of
the switched capacitor filter. The output of the smoothing fil-
ter is buffered by an amplifier, which is output at the RO+ and
RO– pins. These outputs are capable of driving a 4 k
Ω load
differentially or a 2 k
Ω load to the VAG pin. The MC14LC5480
also has a pair of power amplifiers that are connected in a
push–pull configuration. The PI pin is the inverting input to
the PO– power amplifier. The non–inverting input is internally
tied to the VAG pin. This allows this amplifier to be used in an
inverting gain circuit with two external resistors. The PO+
amplifier has a gain of minus one, and is internally con-
nected to the PO– output. This complete power amplifier cir-
cuit is a differential (push–pull) amplifier with adjustable gain
that is capable of driving a 300
Ω load to +12 dBm. The
power amplifier may be powered down independently of the
rest of the chip by connecting the PI pin to VDD.
POWER–DOWN
There are two methods of putting this device into a low
power consumption mode, which makes the device nonfunc-
tional and consumes virtually no power. PDI is the power–
down input pin which, when taken low, powers down the
device. Another way to power the device down is to hold both
the FST and FSR pins low. When the chip is powered down,
the VAG, TG, RO+, RO–, PO+, PO–, and DT outputs are high
impedance. To return the chip to the power–up state, PDI
must be high and the FST frame sync pulse must be present.
The DT output will remain in a high–impedance state for at
least two FST pulses after power–up.
MASTER CLOCK
Since this codec–filter design has a single DAC architec-
ture, the MCLK pin is used as the master clock for all analog
signal processing including analog–to–digital conversion,
digital–to–analog conversion, and for transmit and receive fil-
tering functions of this device. The clock frequency applied to
the MCLK pin may be 256 kHz, 512 kHz, 1.536 MHz,
1.544 MHz, 2.048 MHz, 2.56 MHz, or 4.096 MHz. This de-
vice has a prescaler that automatically determines the proper
divide ratio to use for the MCLK input, which achieves the re-
quired 256 kHz internal sequencing clock. The clocking re-
quirements of the MCLK input are independent of the PCM
data transfer mode (i.e., Long Frame Sync, Short Frame
Sync, IDL mode, or GCI mode).
DIGITAL I/O
The MC14LC5480 is pin selectable for Mu–Law or A–Law.
Table 1 shows the 8–bit data word format for positive and
negative zero and full scale for both companding schemes
(see Tables 3 and 4 at the end of this document for a com-
plete PCM word conversion table). Table 2 shows the series
of eight PCM words for both Mu–Law and A–Law that corre-
spond to a digital milliwatt. The digital mW is the 1 kHz cal-
ibration signal reconstructed by the DAC that defines the
absolute gain or 0 dBm0 Transmission Level Point (TLP) of
the DAC. The 0 dBm0 level for Mu–Law is 3.17 dB below the
maximum level for an unclipped tone signal. The 0 dBm0
level for A–Law is 3.14 dB below the maximum level for an
unclipped tone signal. The timing for the PCM data transfer is
independent of the companding scheme selected. Refer to
Figure 2 for a summary and comparison of the four PCM
data interface modes of this device.
Table 1. PCM Codes for Zero and Full Scale
Ll
Mu–Law
A–Law
Level
Sign Bit
Chord Bits
Step Bits
Sign Bit
Chord Bits
Step Bits
+ Full Scale
1
0 0 0
0 0 0 0
1
0 1 0
1 0 1 0
+ Zero
1
1 1 1
1 1 1 1
1
1 0 1
0 1 0 1
– Zero
0
1 1 1
1 1 1 1
0
1 0 1
0 1 0 1
– Full Scale
0
0 0 0
0 0 0 0
0
0 1 0
1 0 1 0
Table 2. PCM Codes for Digital mW
Ph
Mu–Law
A–Law
Phase
Sign Bit
Chord Bits
Step Bits
Sign Bit
Chord Bits
Step Bits
π/8
0
0 0 1
1 1 1 0
0
0 1 1
0 1 0 0
3
π/8
0
0 0 0
1 0 1 1
0
0 1 0
0 0 0 1
5
π/8
0
0 0 0
1 0 1 1
0
0 1 0
0 0 0 1
7
π/8
0
0 0 1
1 1 1 0
0
0 1 1
0 1 0 0
9
π/8
1
0 0 1
1 1 1 0
1
0 1 1
0 1 0 0
11
π/8
1
0 0 0
1 0 1 1
1
0 1 0
0 0 0 1
13
π/8
1
0 0 0
1 0 1 1
1
0 1 0
0 0 0 1
15
π/8
1
0 0 1
1 1 1 0
1
0 1 1
0 1 0 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC14LC5480

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14LC5447 MOTOROLA-MC14LC5447 Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
MC14LC5447DW MOTOROLA-MC14LC5447DW Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
MC14LC5447P MOTOROLA-MC14LC5447P Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
More results

Podobny opis - MC14LC5480

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
XC145481 MOTOROLA-XC145481 Datasheet
88Kb / 4P
   3 V PCM Codec-Filter
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com