Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14LC5480 Arkusz danych(PDF) 10 Page - Freescale Semiconductor, Inc

Numer części MC14LC5480
Szczegółowy opis  5 V PCM Codec-Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14LC5480 Arkusz danych(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC14LC5480 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC14LC5480 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MAXIMUM RATINGS (Voltages Referenced to VSS Pin)
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
– 0.5 to 6
V
Voltage on Any Analog Input or Output Pin
VSS – 0.3 to VDD + 0.3
V
Voltage on Any Digital Input or Output Pin
VSS – 0.3 to VDD + 0.3
V
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 85 to +150
°C
POWER SUPPLY (TA = – 40 to + 85°C)
Characteristics
Min
Typ
Max
Unit
DC Supply Voltage
4.75
5.0
5.25
V
Active Power Dissipation (VDD = 5 V)
(No Load, PI
≥ VDD – 0.5 V)
(No Load, PI
≤ VDD – 1.5 V)
15
15
24
25
mW
Power–Down Dissipation (VIH for Logic Levels Must be ≥ 3.0 V)
PDI = VSS
FST and FSR = VSS, PDI = VDD
0.01
0.05
0.5
1.0
mW
DIGITAL LEVELS (VDD = + 5 V ± 5%, VSS = 0 V, TA = – 40 to + 85°C)
Characteristics
Symbol
Min
Max
Unit
Input Low Voltage
VIL
0.6
V
Input High Voltage
VIH
2.4
V
Output Low Voltage (DT Pin, IOL= 2.5 mA)
VOL
0.4
V
Output High Voltage (DT Pin, IOH = – 2.5 mA)
VOH
VDD – 0.5
V
Input Low Current (VSS ≤ Vin ≤ VDD)
IIL
– 10
+ 10
µA
Input High Current (VSS ≤ Vin ≤ VDD)
IIH
– 10
+ 10
µA
Output Current in High Impedance State (VSS ≤ DT ≤ VDD)
IOZ
– 10
+ 10
µA
Input Capacitance of Digital Pins (Except DT)
Cin
10
pF
Input Capacitance of DT Pin when High–Z
Cout
15
pF
NOTE: Bold type indicates a change from the MC145480 to the MC14LC5480.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC14LC5480

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14LC5447 MOTOROLA-MC14LC5447 Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
MC14LC5447DW MOTOROLA-MC14LC5447DW Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
MC14LC5447P MOTOROLA-MC14LC5447P Datasheet
267Kb / 12P
   Calling Line Identification (CLID) Receiver with Ring Detector
More results

Podobny opis - MC14LC5480

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
XC145481 MOTOROLA-XC145481 Datasheet
88Kb / 4P
   3 V PCM Codec-Filter
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com