Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11872H Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LB11872H
Szczegółowy opis  Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11872H Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LB11872H Datasheet HTML 1Page - Sanyo Semicon Device LB11872H Datasheet HTML 2Page - Sanyo Semicon Device LB11872H Datasheet HTML 3Page - Sanyo Semicon Device LB11872H Datasheet HTML 4Page - Sanyo Semicon Device LB11872H Datasheet HTML 5Page - Sanyo Semicon Device LB11872H Datasheet HTML 6Page - Sanyo Semicon Device LB11872H Datasheet HTML 7Page - Sanyo Semicon Device LB11872H Datasheet HTML 8Page - Sanyo Semicon Device LB11872H Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
No. 7257 -5/13
LB11872H
Pin Functions
Pin No.
Symbol
Pin
FRAME
GND
GND pin
1
NC
NC (No connection) pin
2 to 7
IN1+ to IN3+
IN1– to IN3–
Hall sensor input pins
These pins input the Hall effect sensor signal for each
phase.
The logic of these inputs is that the input is “high” when
VIN+ is greater than VIN–.
8
AGC
Frequency characteristics correction pin
Insert a capacitor between pin 8 and ground.
9
MN
Test pin
This pin must be left open.
10
NC
11
NC
12
CSD
Phase lock detection chattering prevention pin
Insert a capacitor between pin 12 and ground.
13
NC
14
FG
FG output pin
This is an open-collector output
15
S/S
Start/stop switching pin
Low: start mode
16
CLK
Clock signal input pin
17
LD
Phase lock detection output pin
This pin goes to the on state when the phase is locked. It is
an open-collector output.
18
PD
Phase comparator output pin
19
EI
Error amplifier input pin
20
EO
Error amplifier output pin
21
FC
Frequency characteristics correction pin
Insert a capacitor between pin 21 and ground.
22
VREG
Stabilized power supply output pin
Insert a capacitor between pin 22 and ground.
23
VCC
Power supply pin
24
SUB
SUBGND pin
Connect this pin to ground.
25
Rf
Output current detection pin
Insert a resistor between pin 25 and ground.
26 to 28
OUT1 to 3
Output pins


Podobny numer części - LB11872H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11872H SANYO-LB11872H Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11872H ONSEMI-LB11872H Datasheet
126Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
More results

Podobny opis - LB11872H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com