Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAS-D20TB2 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części CAS-D20TB2
Szczegółowy opis  SLIDE SWITCHES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

CAS-D20TB2 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  CAS-D20TB2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CAS-D20TB2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CAS-D20TB2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CAS-D20TB2 Datasheet HTML 4Page - List of Unclassifed Manufacturers CAS-D20TB2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CAS-D20TB2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SLIDE SWITCHES (SMD)
CAS
s Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
COPAL ELECTRONICS
s LIST OF PART NUMBERS
No. of pole
1
2
Dual
2
Top setting
Taping
CAS-120TA1
CAS-120TB1
CAS-120B1
CAS-120TA2
CAS-120TB2
1000pcs./reel
100pcs./pack
1000pcs./reel
100pcs./pack
1000pcs./reel
100pcs./pack
CAS-120A1
CAS-220TA1
CAS-220TB1
CAS-220B1
CAS-220A1
CAS-D20TA1
CAS-D20TB1
CAS-D20B1
CAS-D20A1
Bulk packaging
Taping
Bulk packaging
Taping
Bulk packaging
No. of
contact
Setting
position
Form of
packaging
Pieces in
package
❈ Verify the above part numbers when placing orders.
Taping specification is not sold separately and must be purchased in reel unit.
(Gull wing)
(
J-hook)
(Gull wing)
(J-hook)
Non-washing type (Seal tape is nothing) Non-washing type (Seal tape is provided)
No. of pole
1
2
Dual
2
Top setting
Taping
CAS-120TA
CAS-120TB
CAS-120B
1000pcs./reel
100pcs./pack
CAS-120A
Bulk packaging
Taping
CAS-220TA
CAS-220TB
CAS-220B
1000pcs./reel
100pcs./pack
CAS-220A
Bulk packaging
Taping
CAS-D20TA
CAS-D20TB
CAS-D20B
1000pcs./reel
100pcs./pack
CAS-D20A
Bulk packaging
No. of
contact
Setting
position
Form of
packaging
Pieces in
package
(Gull wing)
(
J-hook)
Washable type (Seal tape is provided)
s STANDARD SPECIFICATIONS
Operating temp. range
Sealing
Net weight
− 40 ~ +85 °C
Washable by seal tape
Approx. 0.05g (CAS-120)
Approx. 0.08g (CAS-220/D20)
Operating force
Stop strength
Solderability
Soldering heat
Shear (Adhesion)
Substrate bending
Pull-off strength
0.5 ~ 5 N {0.05 ~ 0.51 kgf}
10 N {1.02 kgf}, 60 s
235
± 5 °C, 2 ± 0.5 s
240 °C (VPS method), 30 s
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10 s
s MECHANICAL CHARACTERISTICS
Contact rating
Non-switching
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC6 V, 100 mA DC24 V, 25 mA
DC20 mV 1
µA
50 m
Ω maximum (1.5 mA, 1 kHz, 20 mV)
1000 M
Ω (DC100 V) minimum
AC500 V, 50 Hz, 60 s
Vibration
Shock
Load life
Humidity
High temp. exposure
Low temp. exposure
Thermal shock
Amplitude of 1.5 mm (p-p) or Acceleration of 98 m/s2,
10-500 Hz, 3 directions for 10 cycles each
490 m/s2, 11 ms
6 directions for 3 times each
Continuous load 2000 cycles,
DC6
± 0.5 V, 100 ± 10 mA
−10 ~ +65 °C, 0 ~ 96 %RH,
24 h for 10 cycles
85 °C, 96 h
−40 °C, 96 h
−40 (0.5 h) ~ +85 °C (0.5 h),
5 cycles
s ELECTRICAL CHARACTERISTICS
s ENVIRONMENTAL CHARACTERISTICS
: Not manufactured
{ } : Reference only
B
AA
B
A
B


Podobny numer części - CAS-D20TB2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
CAS-D20TB2 COPAL-CAS-D20TB2 Datasheet
961Kb / 6P
   SLIDE SWITCHES
More results

Podobny opis - CAS-D20TB2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com