Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

YWW7640AF Arkusz danych(PDF) 5 Page - IC MICROSYSTEMS

Numer części YWW7640AF
Szczegółowy opis  Secure SerialFlash
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ICMIC [IC MICROSYSTEMS]
Strona internetowa  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

YWW7640AF Arkusz danych(HTML) 5 Page - IC MICROSYSTEMS

  YWW7640AF Datasheet HTML 1Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 2Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 3Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 4Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 5Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 6Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 7Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 8Page - IC MICROSYSTEMS YWW7640AF Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
X76F400
Characteristics subject to change without notice.
5 of 14
REV 1.0 7/5/00
www.icmic.com
After the password sequence, there is always a nonvola- tile
write cycle. This is done to discourage random
guesses of the password if the device is being tampered with.
In order to continue the transaction, the X76F400
requires the master to perform a password ACK polling
sequence with the specific command code of 55h. As
with regular acknowledge polling the user can either time
out for 10ms and then issue the ACK polling once,
or continuously loop as described in the flow.
If the password inserted is correct, the nonvolatile cycle
in response to the password ACK polling
sequence is over, and an “ACK” is returned.
If the password inserted is incorrect, a “no ACK” is
returned, even if the nonvolatile cycle is over. There-
fore, the user cannot be certain that the password is
incorrect until the 10ms write cycle time has elapsed.
Password ACK Polling Sequence
READ OPERATIONS
Read operations are initiated in the same manner as
write operations but with a different command code.
Sector Read
With sector read, a sector address is supplied with the read
command. Once the password has been
acknowledged data may be read from the sector. An
acknowledge must follow each 8-bit data transfer. A
read operation always begins at the first byte in the
sector, but may stop at any time. Random accesses to
the array are not possible. Continuous reading from the
array will return data from successive sectors. After
reading the last sector in the array, the address is auto-
matically set to the first sector in the array and data can
continue to be read out. After the last bit has been read,
a stop condition is generated without sending a
preceding acknowledge.
ACK
Returned?
Issue Password
ACK Command
Password Load
Completed Enter ACK
Polling
Issue START
NO
YES
PROCEED


Podobny opis - YWW7640AF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com