Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XX1002 Arkusz danych(PDF) 1 Page - Mimix Broadband

Numer części XX1002
Szczegółowy opis  2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MIMIX [Mimix Broadband]
Strona internetowa  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1002 Arkusz danych(HTML) 1 Page - Mimix Broadband

  XX1002 Datasheet HTML 1Page - Mimix Broadband XX1002 Datasheet HTML 2Page - Mimix Broadband XX1002 Datasheet HTML 3Page - Mimix Broadband XX1002 Datasheet HTML 4Page - Mimix Broadband XX1002 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Mimix Broadband's 2.5-6.0/5.0-12.0 GHz GaAs MMIC
Active Doubler delivers + 16 dBm of output power.
The circuit combines an active doubler with an
output buffer amplifier that delivers constant power
over a range of input powers. The circuit has excellent
rejection of the fundamental and harmonic products
and requires a single positive bias supply. This MMIC
uses Mimix Broadband's 2 um GaAs HBT device model
technology to ensure high reliability and uniformity.
The chip has surface passivation to protect and
provide a rugged part with backside via holes and
gold metallization to allow either a conductive epoxy
or eutectic solder die attach process. This device is
well suited for Millimeter-wave Point-to-Point Radio,
LMDS, SATCOM and VSAT applications.
2.5-6.0/5.0-12.0 GHz GaAs MMIC
Active Doubler
Compact, Low-Cost Design
Octave Bandwidth Operation
+16 dBm Output Power
-35 dBc Fundamental Leakage
+5.0V, 125mA Bias Supply
100% On-Wafer RF, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
Features
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Input Frequency Range (fin)
Output Frequency Range (fout)
Input Return Loss (S11)
Output Return Loss (S22)
Saturated Output Power (Psat)
RF Input Power (RF Pin)
Fundamental Leakage (fin)
Third Harmonic Leakage (3xfin)
Fourth Harmonic Leakage (4xfin)
Bias Voltage (Vcc)
Supply Current
Units
GHz
GHz
dB
dB
dBm
dBm
dBc
dBc
dBc
VDC
mA
Min.
2.5
5.0
-
-
-
-3.0
-
-
-
-
-
Typ.
-
-
-15
TBD
+16
-
-35
-30
-20
+5.0
120
Max.
6.0
12.0
-
-
-
+3.0
-
-
-
+5.5
140
Absolute Maximum Ratings
Supply Voltage (Vcc)
Supply Current (Id)
Input Power (RF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Junction Temperature (Tj)
+6.0 VDC
200 mA
+10.0 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
Page 1 of 5
1
(1) Junction temperature affects a device's MTTF. It is
recommended to keep junction temperature as low as
possible for maximum life.
1
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
December 2005 - Rev 08-Dec-05
General Description
X1002


Podobny numer części - XX1002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mimix Broadband
XX1002-BD MIMIX-XX1002-BD Datasheet
444Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1002-BD-000V MIMIX-XX1002-BD-000V Datasheet
444Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1002-BD-EV1 MIMIX-XX1002-BD-EV1 Datasheet
444Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
More results

Podobny opis - XX1002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mimix Broadband
XX1002-BD MIMIX-XX1002-BD Datasheet
444Kb / 5P
   2.5-6.0/5.0-12.0 GHz GaAs MMIC Active Doubler
XX1002-QH MIMIX-XX1002-QH_10 Datasheet
950Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler
XX1002-QH MIMIX-XX1002-QH_08 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH Datasheet
490Kb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
XX1002-QH MIMIX-XX1002-QH_07 Datasheet
1Mb / 7P
   2.5-6.0/5.0-12.0 GHz Active Doubler QFN, 4x4 mm
20DBL0451 MIMIX-20DBL0451 Datasheet
311Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
XX1005-BD MIMIX-XX1005-BD Datasheet
218Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
logo
Hittite Microwave Corpo...
HMC280MS8G HITTITE-HMC280MS8G Datasheet
216Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC280MS8G HITTITE-HMC280MS8G_05 Datasheet
290Kb / 6P
   GaAs MMIC POWER AMPLIFIER 5.0 - 6.0 GHz
HMC224MS8 HITTITE-HMC224MS8 Datasheet
162Kb / 4P
   GaAs MMIC T/R SWITCH 5.0 - 6.0 GHz
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com