Zakładka z wyszukiwarką danych komponentów |
|
ES-21-CV-9-FPCQ-A5 Arkusz danych(PDF) 3 Page - DB Lectro Inc |
|
ES-21-CV-9-FPCQ-A5 Arkusz danych(HTML) 3 Page - DB Lectro Inc |
3 / 5 page ES40-P Sealed Sub-Miniature Push button Switches CONTACT MATERIAL OPTIONS Cap and Actuator Option Cap color Option The Plunger Option The P.C.B MOUNTING A5S VERTICAL SUPPORT BRACKET OPTION CODE CONTACT MATERIAL TERMINAL MATERIAL RATING Q R G K Silver plated Gold plated over nickel plated Gold plated over silver plated Gold plated over nickel plated Silver plated Gold plated over nickel plated Gold plated over silver plated Tin-lead over nickel plated 0.4VA MAX @ 20 V AC or DC MAX 1 A @ 120V AC or 28 V DC; 0.4 VA MAX @ 20 V AC or DC MAX or 1 A @ 120V AC or 28 V DC; 0.4VA MAX @ 20 V AC or DC MAX THE K option is only for some special item. Please inquiry first when you need the "K" option only for theES-21/ES-22 . 15 D CV CV1 .100 2.54 .200 DIA 5.08ø .161 4.10 .080 2.03 .300 7.62ø .157 3.99 .215 5.46 .100 DIA 2.54ø .177 4.50 .177 4.50 .100 DIA 2.54ø (none) std. FP flush type .043 DIA ø1.09 .200 5.08 ES-21 .043 DIA 1.09ø .200 5.08 .043 DIA ø1.09 ES-21A .200 5.08 .200 5.08 ES-21B .043 DIA ø1.09 .100 2.54 ES-22 .043 DIA ø1.09 .100 2.54 .200 5.08 .200 5.08 .043 DIA ø1.09 ES-22A .200 5.08 .200 5.08 ES-22B .100 2.54 .200 5.08 .363 9.21 .130 3.29 .203 5.16 .653 15.69 .161 4.09 .100 DIA 2.54ø .215 5.46 .020 0.51 .200 5.08 .400 10.16 .200 5.08 .043 .09 .653 15.69 .161 4.09 .100 DIA 2.54ø .020 0.51 .200 5.08 ES-21-CR-A5S (std.) snap-in type A5 straight type .363 9.21 .130 3.29 .203 5.16 .653 15.69 .161 4.09 .100 DIA 2.54ø .215 5.46 .020 0.51 .400 10.16 .200 5.08 .653 15.69 .161 4.09 .100 DIA 2.54ø .215 5.46 .020 0.51 ES-22-CR-A5S (std.) snap-in type A5 straight type .100 2.54 .100 2.54 .100 2.54 CAP & ACTUATOR OPTIONS 1 2 3 4 5 6 7 8 9 White Black(Std.) Red Orange Yellow Green Blue Brown Gray DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 DB LECTRO Inc. |
Podobny numer części - ES-21-CV-9-FPCQ-A5 |
|
Podobny opis - ES-21-CV-9-FPCQ-A5 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |