Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES-4B-P21CQ-A5S Arkusz danych(PDF) 1 Page - DB Lectro Inc

Numer części ES-4B-P21CQ-A5S
Szczegółowy opis  Sealed Sub-Miniature Toggle Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DBLECTRO [DB Lectro Inc]
Strona internetowa  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ES-4B-P21CQ-A5S Arkusz danych(HTML) 1 Page - DB Lectro Inc

  ES-4B-P21CQ-A5S Datasheet HTML 1Page - DB Lectro Inc ES-4B-P21CQ-A5S Datasheet HTML 2Page - DB Lectro Inc ES-4B-P21CQ-A5S Datasheet HTML 3Page - DB Lectro Inc ES-4B-P21CQ-A5S Datasheet HTML 4Page - DB Lectro Inc ES-4B-P21CQ-A5S Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ES40-T
Sealed Sub-Miniature Toggle Switches
FEATURE
1. Sealed construction - internal actuator o-ring and epoxy terminal seal standard
2. Carry the IP67 approvals
3. The ESD protection available - Anti-static plastic actuator -9000 V DC static resistance between
toggle and terminal.
SPECIFICATIONS
CONTACT RATING:R- 0.4 VA max @ 20 V AC or DC
ELECTRICAL LIFE:30,000 make-and-break cycles at full load
CONTACT RESISTANCE: 20 m max. initial @2-4 VDC,100 mA
INSULATION RESISTANCE: 1,000 M min.
DIELECTRIC STRENGTH: 1,500 V RMS @ sea level.
ESD Resistant Option :
P2 insulating actuator only:9,000 VDC min. @ sea level,actuator to terminals.
DEGREE OF PROTECTION : IP67
OPERATING TEMPERATURE: -30 Cto85 C
MATERIALS
CASE and BUSHING - glass filled nylon 4/6,flame retardant heat stabilized (UL94V-0)
Actuator - Brass , chrome plated,internal o-ring seal standard with all actuators
P2 / the anti-static actuator: Nylon 6/6,black standard(UL 94V-0)
CONTACT AND TERMINAL - Brass , silver plated
SWITCH SUPPORT - Brass , tin-lead
TERMINAL SEAL - Epoxy
IP 67 protection degree
How do you build the switches you need!!
The ES-4 / ES-5 , please see the (A) ;
The ES-6/ES-7/ES-8/ES-9, please see the (B)
(A)
ES
4
P 2
C
A5
R
Switch Funtction
Actuator
Termination
Vertical support
Bracket
ES-4
ES-4B
ES-4A
ES-4H
ES-4I
ES-5
ES-5B
ES-5A
ES-5H
ES-5I
SP on-none-on
SP on-none-(on)
SP on-off-on
SP (on)-off-(on)
SP on-off-(on)
DP on-none-on
DP on-none-(on)
DP on-off-on
DP (on)-off-(on)
DP on-off-(on)
T1
T2
T3
T4
T5
Std. 10.57
Std.
6.10
8.13
13.97
3.5
ESD protection actuator
P2
P21
(std - black) 6.10
(white) 6.10
C (std) P.C
Contact Material
Q silver plated
R gold plated
G gold over silver
K gold / tin-lead
(none)
A5
straight type
A5S
(std.) snap-in type
(B)
ES
6
T 2
R
S
Actuator
Support Bracket
type
T1
T2
T3
T4
T5
ESD protection actuator
P2
P21
(std - black) 6.10
(white) 6.10
Contact Material
Q silver plated
R gold plated
G gold over silver
K gold / tin-lead
Horizon Right
Angle
Vertical Right
Angle
Switches
Function
ES-6
ES-6B
ES-6A
ES-6H
ES-6I
ES-7
ES-7B
ES-7A
ES-7H
ES-7I
ES-8
ES-8B
ES-8A
ES-8H
ES-8I
ES-9
ES-9B
ES-9A
ES-9H
ES-9I
SP on-none-on
SP on-none-(on)
SP on-off-on
SP (on)-off-(on)
SP on-off-(on)
DP on-none-on
DP on-none-(on)
DP on-off-on
DP (on)-off-(on)
DP on-off-(on)
10.57
Std.
6.10
8.13
13.97
3.5
S
(std.) Snap-in type
(none) straight type
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Podobny numer części - ES-4B-P21CQ-A5S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
ES-4-7 MACOM-ES-4-7 Datasheet
39Kb / 1P
   E-Series 4-Way 0 Power Divider 5 - 750 MHz
logo
List of Unclassifed Man...
ES-413 ETC2-ES-413 Datasheet
1Mb / 4P
   ES-413 PoE ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS422/485 Power Over Ethernet PoE
ES-420 ETC2-ES-420 Datasheet
1Mb / 4P
   ES-420 PoE ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS422/485 Power Over Ethernet PoE
logo
Baumer IVO GmbH & Co. K...
ES-4AN5L IVO-ES-4AN5L Datasheet
799Kb / 20P
   Accessories photoelectric sensors
ES-4AP5L IVO-ES-4AP5L Datasheet
799Kb / 20P
   Accessories photoelectric sensors
More results

Podobny opis - ES-4B-P21CQ-A5S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
GREATECS
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
   Sub-Miniature Sealed SMT Toggle Switches
TK41 GREATECS-TK41 Datasheet
176Kb / 3P
   Sealed Sub-Miniature SPDT Toggle Switches
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
logo
ITT Industries
E101MD1ABE ITT-E101MD1ABE Datasheet
1Mb / 8P
   Sealed Miniature Toggle Switches
logo
Grayhill, Inc
34BWSP12B4M2RT GRAYHILL-34BWSP12B4M2RT Datasheet
185Kb / 4P
   Sealed Miniature Toggle Switches
logo
C&K Components
E107MD1AV2BE CK-COMPONENTS-E107MD1AV2BE Datasheet
621Kb / 8P
   Sealed Miniature Toggle Switches
E105SD1CBE CK-COMPONENTS-E105SD1CBE Datasheet
610Kb / 8P
   Sealed Miniature Toggle Switches
logo
GREATECS
TK21 GREATECS-TK21 Datasheet
231Kb / 4P
   Sealed Miniature SPDT Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
   PROCESS SEALED MINIATURE TOGGLE SWITCHES
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com