Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SZP-2026Z Arkusz danych(PDF) 7 Page - SIRENZA MICRODEVICES

Numer części SZP-2026Z
Szczegółowy opis  2.2-2.7GHz 2W InGaP Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIRENZA [SIRENZA MICRODEVICES]
Strona internetowa  
Logo SIRENZA - SIRENZA MICRODEVICES

SZP-2026Z Arkusz danych(HTML) 7 Page - SIRENZA MICRODEVICES

Back Button SZP-2026Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 6Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 7Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 8Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 9Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 10Page - SIRENZA MICRODEVICES SZP-2026Z Datasheet HTML 11Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
7
EDS-104611 Rev C
Preliminary
SZP-2026Z 2.2-2.7GHz 2W Power Amp
Measured 2.5-2.7 GHz Application Circuit Data (Vcc = Vpc = 5.0V, Iq = 445mA, T=25C)
Typical Gain vs Pout, F=2.6GHz
10
11
12
13
14
15
16
18
20
22
24
26
28
30
32
34
36
Pout(dBm)
-40c
+25c
+85c
Typical Gain vs Pout, F=2.7GHz
10
11
12
13
14
15
16
18
20
22
24
26
28
30
32
34
36
Pout(dBm)
-40c
+25c
+85c
Narrowband S11 - Input Return Loss
-25
-20
-15
-10
-5
0
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Frequency(GHz)
-40C
+25C
+85C
Narrowband S12 - Reverse Isolation
-36
-34
-32
-30
-28
-26
-24
-22
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Frequency(GHz)
-40C
+25C
+85C
Narrowband S21 - Forward Gain
6
7
8
9
10
11
12
13
14
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Frequency(GHz)
-40C
+25C
+85C
Narrowband S22 - Output Return Loss
-25
-20
-15
-10
-5
0
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
Frequency(GHz)
-40C
+25C
+85C


Podobny numer części - SZP-2026Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
SZP-5026Z SIRENZA-SZP-5026Z Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
SZP-5026Z-EVB1 SIRENZA-SZP-5026Z-EVB1 Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
SZP-5026Z-EVB2 SIRENZA-SZP-5026Z-EVB2 Datasheet
397Kb / 14P
   4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
More results

Podobny opis - SZP-2026Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
logo
SIRENZA MICRODEVICES
SZM-2066Z SIRENZA-SZM-2066Z Datasheet
641Kb / 13P
   2.4-2.7GHz 2W Power Amplifier
SZM-2166Z SIRENZA-SZM-2166Z Datasheet
683Kb / 16P
   2.3-2.7GHz 2W Power Amplifier
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
SZM-2066Z RFMD-SZM-2066Z Datasheet
1Mb / 18P
   2.4GHz to 2.7GHz 2W POWER AMPLIFIER
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
   1.7-2.2GHz 2W InGaP Amplifier
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com