Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES-22-CV1-6-FPCQ-A5S Arkusz danych(PDF) 3 Page - DB Lectro Inc

Numer części ES-22-CV1-6-FPCQ-A5S
Szczegółowy opis  Sealed Sub-Miniature Push button Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DBLECTRO [DB Lectro Inc]
Strona internetowa  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ES-22-CV1-6-FPCQ-A5S Arkusz danych(HTML) 3 Page - DB Lectro Inc

  ES-22-CV1-6-FPCQ-A5S Datasheet HTML 1Page - DB Lectro Inc ES-22-CV1-6-FPCQ-A5S Datasheet HTML 2Page - DB Lectro Inc ES-22-CV1-6-FPCQ-A5S Datasheet HTML 3Page - DB Lectro Inc ES-22-CV1-6-FPCQ-A5S Datasheet HTML 4Page - DB Lectro Inc ES-22-CV1-6-FPCQ-A5S Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ES40-P
Sealed Sub-Miniature Push button Switches
CONTACT MATERIAL OPTIONS
Cap and Actuator Option
Cap color Option
The Plunger Option
The P.C.B MOUNTING
A5S
VERTICAL SUPPORT BRACKET OPTION
CODE
CONTACT MATERIAL
TERMINAL MATERIAL
RATING
Q
R
G
K
Silver plated
Gold plated over nickel plated
Gold plated over silver plated
Gold plated over nickel plated
Silver plated
Gold plated over nickel plated
Gold plated over silver plated
Tin-lead over nickel plated
0.4VA MAX @ 20 V AC or DC MAX
1 A @ 120V AC or 28 V DC;
0.4 VA MAX @ 20 V AC or DC MAX or
1 A @ 120V AC or 28 V DC;
0.4VA MAX @ 20 V AC or DC MAX
THE K option is only for some special item. Please inquiry first when you need the "K" option
only for theES-21/ES-22 .
15
D
CV
CV1
.100
2.54
.200 DIA
5.08ø
.161
4.10
.080
2.03
.300
7.62ø
.157
3.99
.215
5.46
.100 DIA
2.54ø
.177
4.50
.177
4.50
.100 DIA
2.54ø
(none) std.
FP flush type
.043 DIA
ø1.09
.200
5.08
ES-21
.043 DIA
1.09ø
.200
5.08
.043 DIA
ø1.09
ES-21A
.200
5.08
.200
5.08
ES-21B
.043 DIA
ø1.09
.100
2.54
ES-22
.043 DIA
ø1.09
.100
2.54
.200
5.08
.200
5.08
.043 DIA
ø1.09
ES-22A
.200
5.08
.200
5.08
ES-22B
.100
2.54
.200
5.08
.363
9.21
.130
3.29
.203
5.16
.653
15.69
.161
4.09
.100 DIA
2.54ø
.215
5.46
.020
0.51
.200
5.08
.400
10.16
.200
5.08
.043
.09
.653
15.69
.161
4.09
.100 DIA
2.54ø
.020
0.51
.200
5.08
ES-21-CR-A5S (std.) snap-in type
A5 straight type
.363
9.21
.130
3.29
.203
5.16
.653
15.69
.161
4.09
.100 DIA
2.54ø
.215
5.46
.020
0.51
.400
10.16
.200
5.08
.653
15.69
.161
4.09
.100 DIA
2.54ø
.215
5.46
.020
0.51
ES-22-CR-A5S (std.) snap-in type
A5 straight type
.100
2.54
.100
2.54
.100
2.54
CAP & ACTUATOR
OPTIONS
1
2
3
4
5
6
7
8
9
White
Black(Std.)
Red
Orange
Yellow
Green
Blue
Brown
Gray
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.


Podobny numer części - ES-22-CV1-6-FPCQ-A5S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Baumer IVO GmbH & Co. K...
ES-22 IVO-ES-22 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
logo
Advantech Co., Ltd.
ES-2206 ADVANTECH-ES-2206 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2206 ADVANTECH-ES-2206 Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2206C-VVA-SRE ADVANTECH-ES-2206C-VVA-SRE Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2206R-VVAE ADVANTECH-ES-2206R-VVAE Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
More results

Podobny opis - ES-22-CV1-6-FPCQ-A5S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TOCOSAMERICA, INC.
3T106D TOCOS-3T106D Datasheet
3Mb / 8P
   Miniature Toggle and Push Button Switches
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
E-SWITCH
800B E-SWITCH-800B Datasheet
189Kb / 1P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
Grayhill, Inc
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
   Sealed Sub-Miniature Toggle Switches
logo
DB Lectro Inc
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
   Sealed Sub-Miniature Toggle Switches
logo
E-SWITCH
800A E-SWITCH-800A Datasheet
142Kb / 2P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
GREATECS
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
   Sealed Sub-Miniature Pushbutton Switches
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
   Sealed Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
D16-LMT1-2AB ETC-D16-LMT1-2AB Datasheet
166Kb / 4P
   Push Button Switches
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com