Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC133N Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74HC133N
Szczegółowy opis  13-input NAND gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC133N Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74HC133N Datasheet HTML 1Page - NXP Semiconductors 74HC133N Datasheet HTML 2Page - NXP Semiconductors 74HC133N Datasheet HTML 3Page - NXP Semiconductors 74HC133N Datasheet HTML 4Page - NXP Semiconductors 74HC133N Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
September 1993
3
Philips Semiconductors
Product specification
13-input NAND gate
74HC133
PINNING
PIN NO.
SYMBOL
NAME AND FUNCTION
1..7, 10.. 15
A.. G, H..M
data input
8
GND
ground (0 V)
9
Y
data output
16
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.


Podobny numer części - 74HC133N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC132 PHILIPS-74HC132 Datasheet
70Kb / 8P
   Quad 2-input NAND Schmitt trigger
September 1993
logo
ON Semiconductor
74HC132 ONSEMI-74HC132 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
Silicon Supplies
74HC132 SS-74HC132 Datasheet
566Kb / 5P
   High Speed CMOS Logic
logo
Nexperia B.V. All right...
74HC132 NEXPERIA-74HC132 Datasheet
269Kb / 16P
   Quad 2-input NAND Schmitt trigger
Rev. 7 - 13 August 2021
74HC132-Q100 NEXPERIA-74HC132-Q100 Datasheet
248Kb / 19P
   Quad 2-input NAND Schmitt trigger
More results

Podobny opis - 74HC133N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54LS133 NSC-54LS133 Datasheet
52Kb / 2P
   13-INPUT NAND GATE
logo
List of Unclassifed Man...
N74F133N602 ETC1-N74F133N602 Datasheet
85Kb / 8P
   13-input NAND gate
logo
Toshiba Semiconductor
TC74HC133AP TOSHIBA-TC74HC133AP_07 Datasheet
219Kb / 7P
   13-Input NAND Gate
logo
List of Unclassifed Man...
GD74HCT133 ETC1-GD74HCT133 Datasheet
165Kb / 4P
   13-INPUT NAND GATE
logo
National Semiconductor ...
MM74HC133 NSC-MM74HC133 Datasheet
149Kb / 4P
   13-Input NAND Gate
logo
Renesas Technology Corp
HD74HC133 RENESAS-HD74HC133 Datasheet
91Kb / 6P
   13-input NAND Gate
logo
Fairchild Semiconductor
DM74S133 FAIRCHILD-DM74S133 Datasheet
46Kb / 4P
   13-Input NAND Gate
logo
NXP Semiconductors
74F133 PHILIPS-74F133 Datasheet
51Kb / 4P
   13.input NAND Gate
July 2, 1993
logo
STMicroelectronics
M54HC133 STMICROELECTRONICS-M54HC133 Datasheet
237Kb / 10P
   13 INPUT NAND GATE
logo
Hitachi Semiconductor
HD74HC133 HITACHI-HD74HC133 Datasheet
52Kb / 9P
   13-input NAND Gate
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com