Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC03 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74HC03
Szczegółowy opis  Quad 2-input NAND gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC03 Arkusz danych(HTML) 6 Page - NXP Semiconductors

  74HC03 Datasheet HTML 1Page - NXP Semiconductors 74HC03 Datasheet HTML 2Page - NXP Semiconductors 74HC03 Datasheet HTML 3Page - NXP Semiconductors 74HC03 Datasheet HTML 4Page - NXP Semiconductors 74HC03 Datasheet HTML 5Page - NXP Semiconductors 74HC03 Datasheet HTML 6Page - NXP Semiconductors 74HC03 Datasheet HTML 7Page - NXP Semiconductors 74HC03 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
December 1990
6
Philips Semiconductors
Product specification
Quad 2-input NAND gate
74HC/HCT03
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”, except that the VOH values are
not valid for open drain. They are replaced by IOZ as given below.
Output capability: standard (open drain), excepting VOH
ICC category: SSI
Voltages are referenced to GND (ground = 0 V)
Note
1. The maximum operating output voltage (VO(max)) is 6.0 V.
Note to HCT types
The value of additional quiescent supply current (
∆I
CC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
VI
OTHER
+25
−40 to +85
−40 to +125
min. typ.
max.
min.
max.
min.
max.
IOZ
HIGH level output
leakage current
0.5
5.0
10.0
µA
4.5
to
5.5
VIL
VO =VO(max)(1)
or GND
INPUT
UNIT LOAD COEFFICIENT
nA, nB
1.0
SYMBOL
PARAMETER
Tamb (°C)
TEST CONDITIONS
74HCT
UNIT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPZL/ tPLZ
propagation delay
nA, nB, to nY
12
24
30
36
ns
4.5
Fig.6
tTHL
output transition time
7
15
19
22
ns
4.5
Fig.6


Podobny numer części - 74HC03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Supplies
74HC03 SS-74HC03 Datasheet
407Kb / 5P
   High Speed CMOS Logic
logo
Nexperia B.V. All right...
74HC03 NEXPERIA-74HC03 Datasheet
226Kb / 11P
   Quad 2-input NAND gate; open-drain output
Rev. 6 - 10 August 2021
74HC03-Q100 NEXPERIA-74HC03-Q100 Datasheet
708Kb / 14P
   Quad 2-input NAND gate
logo
Toshiba Semiconductor
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
Nexperia B.V. All right...
74HC03D NEXPERIA-74HC03D Datasheet
226Kb / 11P
   Quad 2-input NAND gate; open-drain output
Rev. 6 - 10 August 2021
More results

Podobny opis - 74HC03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com