Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC132 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74HC132
Szczegółowy opis  Quad 2-input NAND Schmitt trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC132 Arkusz danych(HTML) 7 Page - NXP Semiconductors

  74HC132 Datasheet HTML 1Page - NXP Semiconductors 74HC132 Datasheet HTML 2Page - NXP Semiconductors 74HC132 Datasheet HTML 3Page - NXP Semiconductors 74HC132 Datasheet HTML 4Page - NXP Semiconductors 74HC132 Datasheet HTML 5Page - NXP Semiconductors 74HC132 Datasheet HTML 6Page - NXP Semiconductors 74HC132 Datasheet HTML 7Page - NXP Semiconductors 74HC132 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
September 1993
7
Philips Semiconductors
Product specification
Quad 2-input NAND Schmitt trigger
74HC/HCT132
AC WAVEFORMS
Fig.12 Typical HCT transfer characteristics; VCC = 5.5 V.
Fig.13 Waveforms showing the input (nA, nB) to output (nY) propagation delays and the output transition times.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Podobny numer części - 74HC132

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74HC132 ONSEMI-74HC132 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate with Schmitt?뭈rigger Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
Silicon Supplies
74HC132 SS-74HC132 Datasheet
566Kb / 5P
   High Speed CMOS Logic
logo
Nexperia B.V. All right...
74HC132 NEXPERIA-74HC132 Datasheet
269Kb / 16P
   Quad 2-input NAND Schmitt trigger
Rev. 7 - 13 August 2021
74HC132-Q100 NEXPERIA-74HC132-Q100 Datasheet
248Kb / 19P
   Quad 2-input NAND Schmitt trigger
74HC132BQ NEXPERIA-74HC132BQ Datasheet
269Kb / 16P
   Quad 2-input NAND Schmitt trigger
Rev. 7 - 13 August 2021
More results

Podobny opis - 74HC132

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com