Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1297 Arkusz danych(PDF) 3 Page - Hitachi Semiconductor

Numer części 2SK1297
Szczegółowy opis  Silicon N-Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITACHI [Hitachi Semiconductor]
Strona internetowa  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1297 Arkusz danych(HTML) 3 Page - Hitachi Semiconductor

  2SK1297 Datasheet HTML 1Page - Hitachi Semiconductor 2SK1297 Datasheet HTML 2Page - Hitachi Semiconductor 2SK1297 Datasheet HTML 3Page - Hitachi Semiconductor 2SK1297 Datasheet HTML 4Page - Hitachi Semiconductor 2SK1297 Datasheet HTML 5Page - Hitachi Semiconductor 2SK1297 Datasheet HTML 6Page - Hitachi Semiconductor 2SK1297 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1297
3
Electrical Characteristics (Ta = 25
GC)
Item
Symbol Min
Typ
Max
Unit
Test conditions
Drain to source breakdown
voltage
V
(BR)DSS
60
——V
I
D = 10 mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
r20
——V
I
G = r100 PA, VDS = 0
Gate to source leak current
I
GSS
——
r10
PAV
GS = r16 V, VDS = 0
Zero gate voltage drain current I
DSS
250
PAV
DS = 50 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
1.0
2.0
V
I
D = 1 mA, VDS = 10 V
Static drain to source on state
resistance
R
DS(on)
0.015
0.018
:
I
D = 20 A, VGS = 10 V *
1
0.02
0.025
:
I
D = 20 A, VGS = 4 V *
1
Forward transfer admittance
|yfs|
22
35
S
I
D = 20 A, VDS = 10 V *
1
Input capacitance
Ciss
3600
pF
V
DS = 10 V, VGS = 0,
Output capacitance
Coss
1850
pF
f = 1 MHz
Reverse transfer capacitance
Crss
450
pF
Turn-on delay time
t
d(on)
—30
ns
I
D = 20 A, VGS = 10 V,
Rise time
t
r
170
ns
R
L = 1.5 :
Turn-off delay time
t
d(off)
700
ns
Fall time
t
f
350
ns
Body to drain diode forward
voltage
V
DF
1.2
V
I
F = 40 A, VGS = 0
Body to drain diode reverse
recovery time
t
rr
155
ns
I
F = 40 A, VGS = 0,
di
F/dt = 50 A/Ps
Note
1. Pulse test


Podobny numer części - 2SK1297

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
2SK1297 ISC-2SK1297 Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - 2SK1297

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com