Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HC195 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74HC195
Szczegółowy opis  4-bit parallel access shift register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC195 Arkusz danych(HTML) 6 Page - NXP Semiconductors

  74HC195 Datasheet HTML 1Page - NXP Semiconductors 74HC195 Datasheet HTML 2Page - NXP Semiconductors 74HC195 Datasheet HTML 3Page - NXP Semiconductors 74HC195 Datasheet HTML 4Page - NXP Semiconductors 74HC195 Datasheet HTML 5Page - NXP Semiconductors 74HC195 Datasheet HTML 6Page - NXP Semiconductors 74HC195 Datasheet HTML 7Page - NXP Semiconductors 74HC195 Datasheet HTML 8Page - NXP Semiconductors 74HC195 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
December 1990
6
Philips Semiconductors
Product specification
4-bit parallel access shift register
74HC/HCT195
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ. max. min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
50
18
14
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.6
tPHL
propagation delay
MR to Qn
41
15
12
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.8
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.6
tW
clock pulse width
HIGH or LOW
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
tW
master reset pulse width
LOW
80
16
14
11
4
3
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
trem
removal time
MR to CP
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
tsu
set-up time
J to CP
100
20
17
33
12
10
125
25
21
150
30
26
ns
2.0
4.5
6.0
Figs 8 and 9
tsu
set-up time
K, PE, Dn to CP
80
16
14
25
9
7
100
20
17
120
24
20
ns
2.0
4.5
6.0
Figs 8 and 9
th
hold time
J, K, PE, Dn to CP
3
3
3
−8
−3
−2
3
3
3
3
3
3
ns
2.0
4.5
6.0
Figs 8 and 9
fmax
maximum clock pulse
frequency
6
30
35
17
52
62
5
24
28
4
20
24
MHz
2.0
4.5
6.0
Fig.6


Podobny numer części - 74HC195

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC190D PHILIPS-74HC190D Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC190DB PHILIPS-74HC190DB Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC190N PHILIPS-74HC190N Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
74HC190PW PHILIPS-74HC190PW Datasheet
101Kb / 13P
   Presettable synchronous BCD decade up/down counter
December 1990
More results

Podobny opis - 74HC195

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
   4-bit parallel-access shift register
1996 Mar 12
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
   4-bit Parallel-Access Shift Register
logo
Renesas Technology Corp
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
   4-bit Parallel Access Shift Register
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
   4-bit Parallel-Access Shift Register
HD74LS95B RENESAS-HD74LS95B Datasheet
180Kb / 7P
   4-bit Parallel Access Shift Register
HD74AC195 RENESAS-HD74AC195 Datasheet
217Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Hitachi Semiconductor
HD74AC195 HITACHI-HD74AC195 Datasheet
67Kb / 11P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74F199 PHILIPS-74F199 Datasheet
68Kb / 8P
   8-bit parallel-access shift register
June 15, 1988
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com