Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E-L8150 Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części E-L8150
Szczegółowy opis  Brushless motor predriver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L8150 Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button E-L8150 Datasheet HTML 7Page - STMicroelectronics E-L8150 Datasheet HTML 8Page - STMicroelectronics E-L8150 Datasheet HTML 9Page - STMicroelectronics E-L8150 Datasheet HTML 10Page - STMicroelectronics E-L8150 Datasheet HTML 11Page - STMicroelectronics E-L8150 Datasheet HTML 12Page - STMicroelectronics E-L8150 Datasheet HTML 13Page - STMicroelectronics E-L8150 Datasheet HTML 14Page - STMicroelectronics E-L8150 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
L8150
Electrical characteristcs
11/37
l
Note:
1
If 20mA is a problem for design because of power dissipation etc., it can be reduced to
something like 5mA
2
one input is set at 2.5V by means of a resistor divider. The other input moves from 0V to
Vreg. The Hall comparator must operate correctly for all its input range.
3
Opamp need to be designed to meet with Kval control by VSP.
External circuit for Vsp control (example) is shown in following Figure 4.
The tolerance at Vsp including external resistor (E96) is as follows:
mini
typ
max
V1(V)
0.85
1.23
1.6
V2(V)
1.7
2.1
2.5
V3(V)
4.9
5.4
6.1
4
FR and INTin+ are used to set test mode as follows:
Test mode is set by 8 events (clock rising edges) on FR during INTin+>4.5
(Power is kept as high-impedance for INTin+ > 4.5 until 7th event occur)
(counter for FR is reset by INTin+ < 4.5)
Table 16.
Over Voltage Protection Terminal OV
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
H level input voltage (operative)
VIH (OV)
OV
-6%
3.0
+6%
V
2
Hysteresis width
VIS (OV)
OV
0.3
0.4
V
Table 17.
Low Voltage Protection
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
operation voltage
VIL (LV)
LV
10
11
12
V
2
release voltage
VIH (LV)
LV
10.35
11.50
12.65
V
3
hysteresis width
VIS (LV)
LV
0.35
0.50
0.65
V
Table 18.
FAULTS Output Terminal FAULTS
No.
item
symbol
terminal
MIN
TYP
MAX
unit
remark
1
output saturation voltage
VFaultsL
FAULTS
0.50
V
Io=15mA, open drain
2
output leak current
IFaultsleak
FAULTS
10
uA
Vo=17.25V
Table 19.
Rotation Direction Detection Terminal DM
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
output saturation voltage
VDML
DM
0.50
V
Io=15mA, open drain
2
output leak current
IDMleak
DM
10
uA
Vo=17.25V
Table 20.
KVAL Contro
No.
Item
Symbol
Terminal
Min
Typ
Max
Unit
Remark
1
FS threshold voltage
INTout
-3%
4.5Vreg/5
+3%
V
Note 3
2
KVAL Min voltage
INTout
-3%
3.7Vreg/5
+3%
V
Note 3
3
KVAL max voltage
INTout
-7%
0.7Vreg/5
+7%
V
Note 3
4
FS Hysteresis
INTout
70.0
mV


Podobny numer części - E-L8150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
E-L293DD STMICROELECTRONICS-E-L293DD Datasheet
298Kb / 17P
   2.5 A switch step down switching regulator
E-L4960 STMICROELECTRONICS-E-L4960 Datasheet
329Kb / 16P
   2.5A POWER SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971D013TR STMICROELECTRONICS-E-L4971D013TR Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
May 2005 Rev. 11
E-L4973D3.3 STMICROELECTRONICS-E-L4973D3.3 Datasheet
367Kb / 27P
   3.5A step down switching regulator
More results

Podobny opis - E-L8150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
   Brushless Motor Predriver IC
logo
ON Semiconductor
LB11600JV ONSEMI-LB11600JV Datasheet
339Kb / 30P
   Brushless Motor Predriver IC
May, 2013
LV8104V ONSEMI-LV8104V Datasheet
303Kb / 19P
   Three-Phase Brushless Motor Predriver
May, 2013
logo
Rohm
BD63001AMUV ROHM-BD63001AMUV Datasheet
2Mb / 26P
   Three-Phase Brushless Motor Predriver
logo
ON Semiconductor
LV8105W ONSEMI-LV8105W Datasheet
171Kb / 21P
   Three-Phase Brushless Motor Predriver
July, 2013
logo
Silicon Touch Technolog...
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11600JV SANYO-LB11600JV_11 Datasheet
365Kb / 30P
   Brushless Motor Predriver IC for Automotive Applications
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
   Direct PWM Drive Brushless Motor Predriver IC
logo
NEC
UPC1246C NEC-UPC1246C Datasheet
1Mb / 10P
   PREDRIVER FOR 3-PHASES DC BRUSHLESS MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com