Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CB1AF-DP-24V Arkusz danych(PDF) 3 Page - Nais(Matsushita Electric Works)

Numer części CB1AF-DP-24V
Szczegółowy opis  HIGH POWER AUTOMOTIVE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NAIS [Nais(Matsushita Electric Works)]
Strona internetowa  
Logo NAIS - Nais(Matsushita Electric Works)

CB1AF-DP-24V Arkusz danych(HTML) 3 Page - Nais(Matsushita Electric Works)

  CB1AF-DP-24V Datasheet HTML 1Page - Nais(Matsushita Electric Works) CB1AF-DP-24V Datasheet HTML 2Page - Nais(Matsushita Electric Works) CB1AF-DP-24V Datasheet HTML 3Page - Nais(Matsushita Electric Works) CB1AF-DP-24V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CB
381
2. Heat resistant type
COIL DATA (at 20
°C 68°F)
DIMENSIONS
1. PC board type
Contact arrangement
Mounting classification
Coil voltage, V DC
Part No.
Sealed type
Flux-resistant type
1 Form A
PC board type
12V
CB1a-T-P-12V
CB1aF-T-P-12V
24V
CB1a-T-P-24V
CB1aF-T-P-24V
Quick connect type
12V
CB1a-T-12V
CB1aF-T-12V
24V
CB1a-T-24V
CB1aF-T-24V
Bracket type
12V
CB1a-T-M-12V
CB1aF-T-M-12V
24V
CB1a-T-M-24V
CB1aF-T-M-24V
1 Form C
PC board type
12V
CB1-T-P-12V
CB1F-T-P-12V
24V
CB1-T-P-24V
CB1F-T-P-24V
Quick connect type
12V
CB1-T-12V
CB1F-T-12V
24V
CB1-T-24V
CB1F-T-24V
Bracket type
12V
CB1-T-M-12V
CB1F-T-M-12V
24V
CB1-T-M-24V
CB1F-T-M-24V
Contact
arrangement
Nominal
voltage,
V DC
Pick-up voltage,
V DC (max.)
Drop-out
voltage,
V DC (mim.)
Nominal
current,
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating power,
W
Usable voltage
range,
V DC
1 Form A
1 Form C
12
3 to 7
1.2 to 4.2
117
103
1.4
10 to 16
24
6 to 14
2.4 to 8.4
75
320
1.8
20 to 32
High contact
capacity
(1 Form A)
12
3 to 7
1.2 to 4.2
150
80
1.8
10 to 16
mm inch
22.0
.866
26.0
1.024
2.15
.085
6.3
.248
4.5
.177
1.0
.039
25.0
.984
Venting
hole
Sealed by epoxy resin
0.8
.031
8.4
.331
16.8
.661
2.6
.102
17.9
.705
8.0
.315
8.4
.331
86
87a*
87
30
85
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom view)
86
30
87
87a
85
86
Including diode
(1 Form A)
Including load
(1 Form C)
87
85
86
87
87a
85
86
1a
1c
87
85
Including diode type, including load type also available.
2. Quick connect type
25.0
.984
11.0
.433
5-6.3
5-.248
26.0
1.024
22.0
.866
4.0
.157
1.7 dia.
.067 dia.
Venting
hole
Sealed by epoxy resin
0.8
.031
8.4
.331
16.8
.661
2.6
.102
17.9
.705
8.0
.315
8.4
.331
86
87a*
87
30
85
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom view)
86
87
87a
85
86
1a
1c
87
85
Including diode type, including load type also available.


Podobny numer części - CB1AF-DP-24V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nais(Matsushita Electri...
CB1AF-DP-24V NAIS-CB1AF-DP-24V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
More results

Podobny opis - CB1AF-DP-24V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nais(Matsushita Electri...
CB1F-T-RM-12V NAIS-CB1F-T-RM-12V Datasheet
121Kb / 4P
   HIGH POWER AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARF SANYOU-SARF Datasheet
230Kb / 4P
   High Power Automotive Relay
SARE SANYOU-SARE Datasheet
275Kb / 3P
   High Power Automotive Relay
SARH SANYOU-SARH Datasheet
236Kb / 3P
   High Power Automotive Relay
SARB SANYOU-SARB Datasheet
187Kb / 3P
   High Power Automotive Relay
logo
OEN India Limited
3572-1A-06-P-01 OENINDIA-3572-1A-06-P-01 Datasheet
117Kb / 3P
   AUTOMOTIVE POWER RELAY
740-12-1C-1SCNIL OENINDIA-740-12-1C-1SCNIL Datasheet
129Kb / 3P
   AUTOMOTIVE POWER RELAY
OEN79 OENINDIA-OEN79 Datasheet
492Kb / 2P
   AUTOMOTIVE POWER RELAY
OEN78 OENINDIA-OEN78 Datasheet
399Kb / 2P
   AUTOMOTIVE POWER RELAY
OEN61A OENINDIA-OEN61A Datasheet
369Kb / 2P
   AUTOMOTIVE POWER RELAY
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com