Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC337-16 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części BC337-16
Szczegółowy opis  Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC337-16 Arkusz danych(HTML) 3 Page - ON Semiconductor

  BC337-16 Datasheet HTML 1Page - ON Semiconductor BC337-16 Datasheet HTML 2Page - ON Semiconductor BC337-16 Datasheet HTML 3Page - ON Semiconductor BC337-16 Datasheet HTML 4Page - ON Semiconductor BC337-16 Datasheet HTML 5Page - ON Semiconductor BC337-16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC337, BC337−16, BC337−25, BC337−40, BC338−25
http://onsemi.com
3
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
1.0 ms
1.0 s
TJ = 135°C
TA = 25°C
TC = 25°C
dc
dc
(APPLIES BELOW RATED VCEO)
1000
10
100
1.0
3.0
10
30
VCE, COLLECTOR−EMITTER VOLTAGE
Figure 2. Active Region − Safe Operating Area
IC, COLLECTOR CURRENT (MA)
Figure 3. DC Current Gain
100
1000
10
1000
0.1
10
100
100
1.0
TJ = 135°C
100 ms
VCE = 1 V
TJ = 25°C
IB, BASE CURRENT (mA)
Figure 4. Saturation Region
IC, COLLECTOR CURRENT (mA)
Figure 5. “On” Voltages
100
10
1
VR, REVERSE VOLTAGE (VOLTS)
Figure 6. Temperature Coefficients
+1
IC, COLLECTOR CURRENT (mA)
Figure 7. Capacitances
0.1
1
1
10
100
1000
−2
−1
0
1.0
0.8
0.6
0.4
0.2
0
0.01
0.1
10
100
1
1.0
0.8
0.6
0.4
0.2
0
1
10
1000
100
10
100
TJ = 25°C
IC = 10 mA
TA = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1 V
VCE(sat) @ IC/IB = 10
qVC for VCE(sat)
qVB for VBE
Cob
Cib
100 mA
300 mA
500 mA


Podobny numer części - BC337-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BC337-16 MOTOROLA-BC337-16 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
Guangdong Kexin Industr...
BC337-16 KEXIN-BC337-16 Datasheet
888Kb / 2P
   NPN Transistors
logo
NXP Semiconductors
BC337-16 PHILIPS-BC337-16 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Apr 15
logo
Taiwan Semiconductor Co...
BC337-16 TSC-BC337-16 Datasheet
275Kb / 5P
   NPN Transistor
logo
Siemens Semiconductor G...
BC337-16 SIEMENS-BC337-16 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
More results

Podobny opis - BC337-16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com