Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT4520 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74HCT4520
Szczegółowy opis  Dual 4-bit synchronous binary counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT4520 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74HCT4520 Datasheet HTML 1Page - NXP Semiconductors 74HCT4520 Datasheet HTML 2Page - NXP Semiconductors 74HCT4520 Datasheet HTML 3Page - NXP Semiconductors 74HCT4520 Datasheet HTML 4Page - NXP Semiconductors 74HCT4520 Datasheet HTML 5Page - NXP Semiconductors 74HCT4520 Datasheet HTML 6Page - NXP Semiconductors 74HCT4520 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
December 1990
5
Philips Semiconductors
Product specification
Dual 4-bit synchronous binary counter
74HC/HCT4520
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max. min.
max.
min.
max.
tPHL/ tPLH
propagation delay
nCP0 to nQn
77
28
22
240
48
41
300
60
51
360
72
61
ns
2.0
4.5
6.0
Fig.8
tPHL/ tPLH
propagation delay
nCP1 to nQn
77
28
22
240
48
41
300
60
51
360
72
61
ns
2.0
4.5
6.0
Fig.8
tPHL
propagation delay
nMR to nQn
44
16
13
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.9
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.8
tW
clock pulse width
HIGH or LOW
80
16
14
22
8
6
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.7
tW
master reset pulse width
HIGH
120
24
20
39
14
11
150
30
26
180
36
31
ns
2.0
4.5
6.0
Fig.7
trem
removal time
nMR to nCP0; nCP1
0
0
0
−28
−10
−8
0
0
0
0
0
0
ns
2.0
4.5
6.0
Fig.7
tsu
set-up time
nCP1 to nCP0;
nCP0 to nCP1
80
16
14
14
5
4
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
fmax
maximum clock pulse
frequency
6.0
30
35
19
58
69
4.8
24
28
4.0
20
24
MHz
2.0
4.5
6.0
Fig.7


Podobny numer części - 74HCT4520

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74HCT4520 TI-74HCT4520 Datasheet
45Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Synchronous Counters
logo
NXP Semiconductors
74HCT4520 NXP-74HCT4520 Datasheet
52Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Nexperia B.V. All right...
74HCT4520 NEXPERIA-74HCT4520 Datasheet
253Kb / 14P
   Dual 4-bit synchronous binary counter
Rev. 6 - 9 October 2020
74HCT4520-Q100 NEXPERIA-74HCT4520-Q100 Datasheet
256Kb / 15P
   Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
74HCT4520D NEXPERIA-74HCT4520D Datasheet
253Kb / 14P
   Dual 4-bit synchronous binary counter
Rev. 6 - 9 October 2020
More results

Podobny opis - 74HCT4520

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4520N NXP-74HC4520N Datasheet
52Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Nexperia B.V. All right...
74HCT4520-Q100 NEXPERIA-74HCT4520-Q100 Datasheet
256Kb / 15P
   Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
74HCT4520 NEXPERIA-74HCT4520 Datasheet
253Kb / 14P
   Dual 4-bit synchronous binary counter
Rev. 6 - 9 October 2020
logo
NXP Semiconductors
74HC4520PW PHILIPS-74HC4520PW Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Nexperia B.V. All right...
74HC4520-Q100 NEXPERIA-74HC4520-Q100 Datasheet
226Kb / 13P
   Dual 4-bit synchronous binary counter
logo
NXP Semiconductors
74HC4520DB PHILIPS-74HC4520DB Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
74HC4520D NXP-74HC4520D Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Texas Instruments
SN74F163A TI-SN74F163A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F163A TI-SN74F163A_06 Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161A TI-SN74F161A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com