Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT6323A Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74HCT6323A
Szczegółowy opis  Programmable ripple counter with oscillator; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT6323A Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74HCT6323A Datasheet HTML 1Page - NXP Semiconductors 74HCT6323A Datasheet HTML 2Page - NXP Semiconductors 74HCT6323A Datasheet HTML 3Page - NXP Semiconductors 74HCT6323A Datasheet HTML 4Page - NXP Semiconductors 74HCT6323A Datasheet HTML 5Page - NXP Semiconductors 74HCT6323A Datasheet HTML 6Page - NXP Semiconductors 74HCT6323A Datasheet HTML 7Page - NXP Semiconductors 74HCT6323A Datasheet HTML 8Page - NXP Semiconductors 74HCT6323A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
September 1993
4
Philips Semiconductors
Product specification
Programmable ripple counter with
oscillator; 3-state
74HC/HCT6323A
Fig.4 Logic diagram.
Internal capacitors typical 7 pF each. Including
stray capacitors on pin X1 and X2, total capacitance
will be typical 12 pF per pin.
handbook, full pagewidth
MBA349
Q
CP
FF
R
(1)
VCC
7 pF
(1)
V
7 pF
CC
Q
CP
FF
R
Q
CP
FF
R
X2
X1
DECODER
VCC
OUT
VCC
MR
VCC
S1
S2


Podobny numer części - 74HCT6323A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT6323A NEXPERIA-74HCT6323A Datasheet
256Kb / 22P
   Programmable ripple counter with oscillator; 3-state
Rev. 4 - 9 July 2018
74HCT6323AD NEXPERIA-74HCT6323AD Datasheet
256Kb / 22P
   Programmable ripple counter with oscillator; 3-state
Rev. 4 - 9 July 2018
More results

Podobny opis - 74HCT6323A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC9323A PHILIPS-74HC9323A Datasheet
44Kb / 6P
   Programmable ripple counter with oscillator 3-State
1995 Oct 27
logo
Nexperia B.V. All right...
74HCT6323A NEXPERIA-74HCT6323A Datasheet
256Kb / 22P
   Programmable ripple counter with oscillator; 3-state
Rev. 4 - 9 July 2018
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
   14-stage binary ripple counter with oscillator
December 1990
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A_06 Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
   14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
   14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
NXP Semiconductors
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
   14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
   14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
logo
Nexperia B.V. All right...
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
   14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com