Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD143A-SR12 Arkusz danych(PDF) 3 Page - Bourns Electronic Solutions

Numer części CD143A-SR12
Szczegółowy opis  CD143A-SR05~12 - Steering/TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD143A-SR12 Arkusz danych(HTML) 3 Page - Bourns Electronic Solutions

  CD143A-SR12 Datasheet HTML 1Page - Bourns Electronic Solutions CD143A-SR12 Datasheet HTML 2Page - Bourns Electronic Solutions CD143A-SR12 Datasheet HTML 3Page - Bourns Electronic Solutions CD143A-SR12 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD143A-SR05~12 – Steering/TVS Diode Array Series
Performance Graphs
100
1,000
10,000
10
1
0.01
10
100
10,000
1,000
td – Pulse Duration (µs)
500 W, 8/20 µs Waveform
20
40
60
80
100
120
0
0
30
25
20
15
10
5
t – Time (µs)
Test Waveform Parameters
tt = 8 µs
td = 20 µs
tt
et
td = t
|IPP/2
0
20
40
60
80
100
0
25
50
75
100
125
150
TL – Lead Temperature (°C)
Average Power
Peak Pulse Power
8/20 µs
-20
-10
0
10
20
-250.000 ns
250.000 ns
0.000 ns
realtime
50.0 ns/div
ESD Test Pulse - 25 kilovolt, 1/30 ns (waveshape)
0
4
8
12
16
0
5
1
2
3
VR – Reverse Voltage - Volts
4
How To Order
CD 143A - SR 05
Common Code
Chip Diode
Package
• 143A = SOT-143
Model
SR = Steering Diode Array
Working Peak Voltage
05 = 5.0 VWM (Volts)
12 = 12 VWM (Volts)
Peak Pulse Power vs Pulse Time
Pulse Wave Form
Typical Reverse Voltage vs. Capacitance
Overshoot & Clamping Voltage
Power Derating Curve


Podobny numer części - CD143A-SR12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD143A-SR12 BOURNS-CD143A-SR12 Datasheet
223Kb / 4P
   Steering/TVS Diode Array Series
More results

Podobny opis - CD143A-SR12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD143A-SR2.8 BOURNS-CD143A-SR2.8 Datasheet
329Kb / 4P
   CD143A-SR2.8~3.3 - Steering/TVS Diode Array Series
CD143A-SR28 BOURNS-CD143A-SR28 Datasheet
181Kb / 5P
   CD143A-SR2.8~3.3 - Steering/TVS Diode Array Series
REV. 08/20
CD143A-SR05LC BOURNS-CD143A-SR05LC Datasheet
241Kb / 4P
   Steering/TVS Diode Array Series
CD143A-SR05 BOURNS-CD143A-SR05_11 Datasheet
223Kb / 4P
   Steering/TVS Diode Array Series
CD143A-SR2.8 BOURNS-CD143A-SR2.8_11 Datasheet
238Kb / 4P
   Steering/TVS Diode Array Series
CD143A-SR05LC BOURNS-CD143A-SR05LC_15 Datasheet
346Kb / 5P
   Steering/TVS Diode Array Series
logo
Microsemi Corporation
SRDA70-4 MICROSEMI-SRDA70-4 Datasheet
271Kb / 2P
   STEERING DIODE TVS ARRAY
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N_12 Datasheet
305Kb / 4P
   TVS/Steering Diode Array
CDSOT236-0504LC BOURNS-CDSOT236-0504LC_12 Datasheet
287Kb / 4P
   TVS/Steering Diode Array
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com