Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD0603-Z15 Arkusz danych(PDF) 4 Page - Bourns Electronic Solutions

Numer części CD0603-Z15
Szczegółowy opis  CD0603/1005-Z Surface Mount Zener Diode Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD0603-Z15 Arkusz danych(HTML) 4 Page - Bourns Electronic Solutions

  CD0603-Z15 Datasheet HTML 1Page - Bourns Electronic Solutions CD0603-Z15 Datasheet HTML 2Page - Bourns Electronic Solutions CD0603-Z15 Datasheet HTML 3Page - Bourns Electronic Solutions CD0603-Z15 Datasheet HTML 4Page - Bourns Electronic Solutions CD0603-Z15 Datasheet HTML 5Page - Bourns Electronic Solutions CD0603-Z15 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD0603/1005-Z Surface Mount Zener Diode Series
Rating and Characteristic Curves
Temperature Sensitivity
-4
-3
-2
-1
0
1
2
7
2
3
4
5
6
7
8
9
10
11
12
Nominal Zener Voltage, Volts
3
4
5
6
1
10
100
10
30
20
40
50
Nominal Zener Voltage, Volts
Zener Current vs. Zener Voltage Characteristics
0.01
0.1
1
10
100
2
0
4
6
8
10
12
Reverse Voltage, Volts
TA = 25 °C
0.01
0.1
1
10
100
10
20
30
40
50
Reverse Voltage, Volts
TA = 25 °C
Derating Curve
0
0.1
0.2
0.3
0.4
0.5
0.6
050
25
75
150
Temperature (°C)
100
125
0
50
040
Normal Zener Voltage (V)
100
150
200
250
300
350
400
20
10
30
0 V BIAS
1 V BIAS
TA = 25 °C
BIASAT
50 % OF V2NOM
Typical Junction Capacitance


Podobny numer części - CD0603-Z15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD0603-Z2V2 BOURNS-CD0603-Z2V2 Datasheet
362Kb / 6P
   Surface Mount Zener Diode Series
CD0603-Z2V2 BOURNS-CD0603-Z2V2_11 Datasheet
362Kb / 6P
   Surface Mount Zener Diode Series
CD0603-Z39 BOURNS-CD0603-Z39 Datasheet
362Kb / 6P
   Surface Mount Zener Diode Series
More results

Podobny opis - CD0603-Z15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
   CD0603/1005 Schottky Barrier Chip Diode Series
CD0603-T05C BOURNS-CD0603-T05C Datasheet
251Kb / 4P
   CD0603/CD1005-T Surface Mount TVS Diode Series
CD0603-T24C BOURNS-CD0603-T24C Datasheet
251Kb / 4P
   CD0603/CD1005-T Surface Mount TVS Diode Series
CD0603-Z2V2 BOURNS-CD0603-Z2V2_11 Datasheet
362Kb / 6P
   Surface Mount Zener Diode Series
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com