Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS150ABG-REEL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części ADXRS150ABG-REEL
Szczegółowy opis  짹150째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS150ABG-REEL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button ADXRS150ABG-REEL Datasheet HTML 4Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 5Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 6Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 7Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 8Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 9Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 10Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 11Page - Analog Devices ADXRS150ABG-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADXRS150
Rev. A | Page 10 of 12
sensing rate. Application notes outlining continuous self-test
techniques are also available on the Analog Devices website.
Acceleration Sensitivity
The sign convention used is that lateral acceleration is positive
in the direction from Pin Column A to Pin Column G of the
package. That is, a device has positive sensitivity if its voltage
output increases when the row of Pins 2A–6A are tipped under
the row of Pins 2G–6G in the earth’s gravity.
There are two effects of concern, shifts in the static null and
induced null noise. Scale factor is not significantly affected until
the acceleration reaches several hundred m/s2.
Vibration rectification for frequencies up to 20 kHz is on the
order of 0.00002(°/s)/(m/s2)2, is not significantly dependent on
frequency, and has been verified up to 400 m/s2 rms.
Linear vibration spectral density near the 14 kHz sensor reso-
nance translates into output noise. In order to have a significant
effect, the vibration must be within the angular rate bandwidth
(typically ±40 Hz of the resonance), so it takes considerable
high frequency vibration to have any effect.
Away from the 14 kHz resonance the effect is not discernible,
except for vibration frequencies within the angular rate pass
band. This can be seen in Figure 9 to Figure 14 for the various
sensor axes. The in-band effect can be seen in Figure 24. This is
the result of the static g-sensitivity. The specimen used for
Figure 24 had a g-sensitivity of 0.15°/s/g and its total in-band
noise degraded from 3 mV rms to 5 mV rms for the specified
vibration. The effect of broadband vibration up to 20 kHz is
shown in Figure 23 and Figure 25.
The output noise of the part falls away in accordance with the
output low-pass filter and does not contain any “spikes” greater
than 1% of the low frequency noise. A typical noise spectrum is
shown in Figure 26.
TIME – Seconds
2.50
2.52
2.54
2.56
0
24
6
8
10
2.58
2.60
Figure 23. Random Vibration (Lateral) 10 kHz to 20 kHz
at 0.01 g/
√Hz with 60 Hz Sampling and 0.5 Sec Averaging
TIME – Seconds
2.50
2.52
2.54
2.56
0
24
6
8
10
2.58
2.60
Figure 24. Random Vibration (Lateral) 2 Hz to 40 Hz, 3.2 g rms
TIME – Seconds
2.50
2.52
2.54
2.56
0
24
6
8
10
2.58
2.60
STATIC 0.8mV rms
SHAKING 2.4mV rms
Figure 25. Random Vibration (Lateral) 10 kHz to 20 kHz
at 0.01 g/
√Hz with 60 Hz Sampling and 0.5 Sec Averaging
FREQUENCY – Hz
–130
–110
–120
–100
–90
0
10
100
1000
10000
100000
–80
–70
–60
Figure 26. Noise Spectral Density at RATEOUT –BW = 4Hz


Podobny numer części - ADXRS150ABG-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS150EB AD-ADXRS150EB Datasheet
81Kb / 1P
   150/s Single Chip Rate Gyro Evaluation Board
REV. 0
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
More results

Podobny opis - ADXRS150ABG-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS401 AD-ADXRS401_15 Datasheet
410Kb / 12P
   75/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS150 AD-ADXRS150_15 Datasheet
1Mb / 12P
   150/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS300 AD-ADXRS300 Datasheet
399Kb / 8P
   짹300째/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. A
ADXRS401 AD-ADXRS401 Datasheet
311Kb / 12P
   -75/s Single Chip Yaw Rate Gyro with Signal Conditioning
REV. 0
AD22304 AD-AD22304 Datasheet
530Kb / 12P
   짹80째/s Single Chip Yaw Rate Gyro with Signal Conditioning
Rev. 0-Preliminary
ADXRS300 AD-ADXRS300_15 Datasheet
194Kb / 8P
   300/s Single Chip Yaw Rate Gyro with Signal Conditioning
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS624BBGZ AD-ADXRS624BBGZ Datasheet
547Kb / 12P
   50,-50/s Yaw Rate Gyro
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com