Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT74 Arkusz danych(PDF) 10 Page - NXP Semiconductors

Numer części 74HCT74
Szczegółowy opis  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT74 Arkusz danych(HTML) 10 Page - NXP Semiconductors

Back Button 74HCT74 Datasheet HTML 6Page - NXP Semiconductors 74HCT74 Datasheet HTML 7Page - NXP Semiconductors 74HCT74 Datasheet HTML 8Page - NXP Semiconductors 74HCT74 Datasheet HTML 9Page - NXP Semiconductors 74HCT74 Datasheet HTML 10Page - NXP Semiconductors 74HCT74 Datasheet HTML 11Page - NXP Semiconductors 74HCT74 Datasheet HTML 12Page - NXP Semiconductors 74HCT74 Datasheet HTML 13Page - NXP Semiconductors 74HCT74 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2003 Jul 10
10
Philips Semiconductors
Product specification
Dual D-type flip-flop with set and reset;
positive-edge trigger
74HC74; 74HCT74
AC CHARACTERISTICS
Family 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C
tPHL/tPLH
propagation delay
nCP to nQ, nQ
see Fig.7
2.0
47
220
ns
4.5
17
44
ns
6.0
14
37
ns
propagation delay
nSD to nQ, nQ
see Fig.8
2.0
50
250
ns
4.5
18
50
ns
6.0
14
43
ns
propagation delay
nRD to nQ, nQ
see Fig.8
2.0
52
250
ns
4.5
19
50
ns
6.0
15
43
ns
tTHL/tTLH
output transition time
see Fig.7
2.0
19
95
ns
4.5
719
ns
6.0
616
ns
tW
clock pulse width
HIGH or LOW
see Fig.7
2.0
100
19
ns
4.5
20
7
ns
6.0
17
6
ns
set or reset pulse width
LOW
see Fig.8
2.0
100
19
ns
4.5
20
7
ns
6.0
17
6
ns
trem
removal time set or
reset
see Fig.8
2.0
40
3
ns
4.5
8
1
ns
6.0
7
1
ns
tsu
set-up time nD to nCP
see Fig.7
2.0
75
6
ns
4.5
15
2
ns
6.0
13
2
ns
th
hold time nCP to nD
see Fig.7
2.0
3
−6
ns
4.5
3
−2
ns
6.0
3
−2
ns
fmax
maximum clock pulse
frequency
see Fig.7
2.0
4.8
23
MHz
4.5
24
69
MHz
6.0
28
82
MHz


Podobny numer części - 74HCT74

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT74 NXP-74HCT74 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74 PHILIPS-74HCT74 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74 NXP-74HCT74 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
logo
Nexperia B.V. All right...
74HCT74 NEXPERIA-74HCT74 Datasheet
299Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 8 - 9 February 2023
74HCT74-Q100 NEXPERIA-74HCT74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
More results

Podobny opis - 74HCT74

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com