Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

540VUV0C Arkusz danych(PDF) 3 Page - HB Electronic Components

Numer części 540VUV0C
Szczegółowy opis  LED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HB [HB Electronic Components]
Strona internetowa  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

540VUV0C Arkusz danych(HTML) 3 Page - HB Electronic Components

  540VUV0C Datasheet HTML 1Page - HB Electronic Components 540VUV0C Datasheet HTML 2Page - HB Electronic Components 540VUV0C Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LED SPECIFICATION
Page: 3 of 3
Typical electrical/optical characteristic curves:
1.5
30
30
Ambient Temperature TA ()
40
Ambient Temperature TA ()
0
020
40
60
10
20
-40
80
100
0
20
0
-20
0.5
1.0
100
80
60
RADIANT FLUX Vs.
AMBIENT TEMPERATURE
IF-Forward Current (mA)
FORWARD CURRENT
DERATING CURVE
40
50
2.5
1.5
2.0
Forward Voltage(V)
10
3.6
2.4
2.8
3.2
0
20
0.5
4.4
4.0
0
0
10
20
30
1.0
40
50
RADIANT FLUX Vs.
FORWARD CURRENT
FORWARD CURRENT Vs
FORWARD VOLTAGE
50
40
2.0
2.5
540VUV0C
540VUV0C
1.0
0.5
0.0
380.0
500.0
600.0
700.0
800.0
Wavelength(nm)
CIE1931
HEBEILTD
x = 0.1770 y = 0.0275
Tc >= 25000K


Podobny numer części - 540VUV0C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HB Electronic Component...
540VG2C HB-540VG2C Datasheet
774Kb / 9P
   LED
540VW6C HB-540VW6C Datasheet
772Kb / 10P
   LED
More results

Podobny opis - 540VUV0C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com