Zakładka z wyszukiwarką danych komponentów |
|
74LV00D Arkusz danych(PDF) 3 Page - NXP Semiconductors |
|
74LV00D Arkusz danych(HTML) 3 Page - NXP Semiconductors |
3 / 10 page Philips Semiconductors Product specification 74LV00 Quad 2-input NAND gate 1998 Apr 20 3 PIN CONFIGURATION 14 13 12 11 10 9 8 7 6 5 4 3 2 1 GND VCC 3B 3A 3Y 4Y 4B 4A 1A 1B 2Y 1Y 2A 2B SY00034 LOGIC SYMBOL (IEEE/IEC) 1 2 3 4 5 6 8 9 10 11 12 13 & & & & SV00378 LOGIC SYMBOL 1A 1B 2A 2B 3A 1Y 3B 4A 4B 2Y 3Y 4Y 3 6 8 11 1 2 4 5 9 10 12 13 SY00035 LOGIC DIAGRAM (ONE GATE) Y A B SV00379 RECOMMENDED OPERATING CONDITIONS SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT VCC DC supply voltage See Note 1 1.0 3.3 5.5 V VI Input voltage 0 – VCC V VO Output voltage 0 – VCC V Tamb Operating ambient temperature range in free air See DC and AC characteristics –40 –40 +85 +125 °C tr, tf Input rise and fall times VCC = 1.0V to 2.0V VCC = 2.0V to 2.7V VCC = 2.7V to 3.6V VCC = 3.6V to 5.5V – – – – – – – – 500 200 100 50 ns/V NOTE: 1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC = 5.5V. |
Podobny numer części - 74LV00D |
|
Podobny opis - 74LV00D |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |