Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV03D Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LV03D
Szczegółowy opis  Quad 2-input NAND gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV03D Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LV03D Datasheet HTML 1Page - NXP Semiconductors 74LV03D Datasheet HTML 2Page - NXP Semiconductors 74LV03D Datasheet HTML 3Page - NXP Semiconductors 74LV03D Datasheet HTML 4Page - NXP Semiconductors 74LV03D Datasheet HTML 5Page - NXP Semiconductors 74LV03D Datasheet HTML 6Page - NXP Semiconductors 74LV03D Datasheet HTML 7Page - NXP Semiconductors 74LV03D Datasheet HTML 8Page - NXP Semiconductors 74LV03D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74LV03
Quad 2-input NAND gate
1998 Apr 20
5
DC CHARACTERISTICS
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
VCC = 1.2V
0.9
0.9
VIH
HIGH level Input
VCC = 2.0V
1.4
1.4
V
VIH
voltage
VCC = 2.7 to 3.6V
2.0
2.0
V
VCC = 4.5 to 5.5V
0.7*VCC
0.7*VCC
VCC = 1.2V
0.3
0.3
VIL
LOW level Input
VCC = 2.0V
0.6
0.6
V
VIL
voltage
VCC = 2.7 to 3.6V
0.8
0.8
V
VCC = 4.5 to 5.5
0.3*VCC
0.3*VCC
VCC = 1.2V; VI = VIH or VIL; –IO = 100µA
1.2
HIGH level output
VCC = 2.0V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
VOH
HIGH level output
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
V
voltage all out uts
VCC = 3.0V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
VCC = 4.5V;VI = VIH or VIL; –IO = 100µA
4.3
4.5
4.3
VOH
HIGH level output
voltage;
VCC = 3.0V;VI = VIH or VIL; –IO = 6mA
2.40
2.82
2.20
V
VOH
g
STANDARD
outputs
VCC = 4.5V;VI = VIH or VIL; –IO = 12mA
3.60
4.20
3.50
V
VCC = 1.2V; VI = VIH or VIL; IO = 100µA
0
LOW level output
VCC = 2.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
voltage all out uts
VCC = 3.0V;VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VCC = 4.5V;VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage;
VCC = 3.0V;VI = VIH or VIL; IO = 6mA
0.25
0.40
0.50
V
VOL
g
STANDARD
outputs
VCC = 4.5V;VI = VIH or VIL; IO = 12mA
0.35
0.55
0.65
V
IOZ
HIGH level output
leakage current
VCC = 2.0 to 3.6V; VI = VIL;
VO = VCC or GND
5.0
10
µA
IOZ
HIGH level output
leakage current
VCC = 2.0 to 3.6V; VI = VIL;
VO = 6.0V2
10
20
µA
II
Input leakage
current
VCC = 5.5V; VI = VCC or GND
1.0
1.0
µA
ICC
Quiescent supply
current; SSI
VCC = 5.5V; VI = VCC or GND; IO = 0
20.0
40
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7V to 3.6V; VI = VCC –0.6V
500
850
µA
NOTES:
1
All typical values are measured at Tamb = 25°C.
2
The maximum operating output voltage (VO(max)) is 6.0V.


Podobny numer części - 74LV03D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV03D NEXPERIA-74LV03D Datasheet
173Kb / 12P
   Quad 2-input NAND gate
Rev. 4 - 31 August 2017
More results

Podobny opis - 74LV03D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com