Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV03D Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LV03D
Szczegółowy opis  Quad 2-input NAND gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV03D Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LV03D Datasheet HTML 2Page - NXP Semiconductors 74LV03D Datasheet HTML 3Page - NXP Semiconductors 74LV03D Datasheet HTML 4Page - NXP Semiconductors 74LV03D Datasheet HTML 5Page - NXP Semiconductors 74LV03D Datasheet HTML 6Page - NXP Semiconductors 74LV03D Datasheet HTML 7Page - NXP Semiconductors 74LV03D Datasheet HTML 8Page - NXP Semiconductors 74LV03D Datasheet HTML 9Page - NXP Semiconductors 74LV03D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV03
Quad 2-input NAND gate
1998 Apr 20
6
AC CHARACTERISTICS FOR 74LV03
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
SYMBOL
PARAMETER
WAVEFORM
CONDITION
LIMITS
–40 to +85
°C
LIMITS
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
50
Propagation delay
2.0
17
26
31
tPZL/tPLZ
Propagation delay
nA, nB, to nY
Figures, 1, 2
2.7
13
19
23
ns
nA, nB, to nY
3.0 to 3.6
102
16
19
4.5 to 5.5
3
13
16
NOTE:
1
Unless otherwise stated, all typical values are at Tamb = 25°C.
2
Typical value measured at VCC = 3.3V.
3
Typical value measured at VCC = 5.0V.
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V v 3.6V
VM = 0.5V * VCC at VCC t 2.7V and w 4.5V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC w 2.7V and v 3.6V
VX = VOL + 0.1 * VCC at VCC t 2.7V and w 4.5V
VI
nA, nB INPUT
GND
VCC
nY OUTPUT
VOL
VX
tPZL
tPLZ
VM
VM
SV00358
Figure 1. Input (nA, nB) to output (nY) propagation delays.
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
RL = 1k
VCC
Test Circuit for Outputs
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
tPLH/tPHL
RT = Termination resistance should be equal to ZOUT of pulse generators.
2.7V
2.7–3.6V
w 4.5V
VCC
50 pF
SV00896
S1
tPLZ/tPZL
tPHZ/tPZH
Open
2 * VCC
GND
RL = 1k
Open
2 * VCC
GND
RL = Load resistor
CL = Load capacitance includes jig and probe capacitiance.
Figure 2. Load circuitry for switching times


Podobny numer części - 74LV03D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV03D NEXPERIA-74LV03D Datasheet
173Kb / 12P
   Quad 2-input NAND gate
Rev. 4 - 31 August 2017
More results

Podobny opis - 74LV03D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com