Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV08 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części 74LV08
Szczegółowy opis  Quad 2-input AND gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV08 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  74LV08 Datasheet HTML 1Page - NXP Semiconductors 74LV08 Datasheet HTML 2Page - NXP Semiconductors 74LV08 Datasheet HTML 3Page - NXP Semiconductors 74LV08 Datasheet HTML 4Page - NXP Semiconductors 74LV08 Datasheet HTML 5Page - NXP Semiconductors 74LV08 Datasheet HTML 6Page - NXP Semiconductors 74LV08 Datasheet HTML 7Page - NXP Semiconductors 74LV08 Datasheet HTML 8Page - NXP Semiconductors 74LV08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LV08
Quad 2-input AND gate
1998 Apr 20
4
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
"IIK
DC input diode current
VI < –0.5 or VI > VCC + 0.5V
20
mA
"IOK
DC output diode current
VO < –0.5 or VO > VCC + 0.5V
50
mA
"IO
DC output source or sink current
– standard outputs
–0.5V < VO < VCC + 0.5V
25
mA
"IGND,
"ICC
DC VCC or GND current for types with
– standard outputs
50
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
– plastic DIL
– plastic mini-pack (SO)
– plastic shrink mini-pack (SSOP and TSSOP)
for temperature range: –40 to +125
°C
above +70
°C derate linearly with 12 mW/K
above +70
°C derate linearly with 8 mW/K
above +60
°C derate linearly with 5.5 mW/K
750
500
400
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP.1
MAX
MIN
MAX
VCC = 1.2V
0.9
0.9
VIH
HIGH level Input
VCC = 2.0V
1.4
1.4
V
VIH
voltage
VCC = 2.7 to 3.6V
2.0
2.0
V
VCC = 4.5 to 5.5V
0.7*VCC
0.7*VCC
VCC = 1.2V
0.3
0.3
VIL
LOW level Input
VCC = 2.0V
0.6
0.6
V
VIL
voltage
VCC = 2.7 to 3.6V
0.8
0.8
V
VCC = 4.5 to 5.5
0.3*VCC
0.3*VCC
VCC = 1.2V; VI = VIH or VIL; –IO = 100µA
1.2
HIGH level output
VCC = 2.0V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
VOH
HIGH level output
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
V
voltage all out uts
VCC = 3.0V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
VCC = 4.5V; VI = VIH or VIL; –IO = 100µA
4.3
4.5
4.3
VOH
HIGH level output
voltage;
VCC = 3.0V; VI = VIH or VIL; –IO = 6mA
2.40
2.82
2.20
V
VOH
g
STANDARD
outputs
VCC = 4.5V; VI = VIH or VIL; –IO = 12mA
3.60
4.20
3.50
V
VCC = 1.2V; VI = VIH or VIL; IO = 100µA
0
LOW level output
VCC = 2.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
voltage all out uts
VCC = 3.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VCC = 4.5V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage;
VCC = 3.0V; VI = VIH or VIL; IO = 6mA
0.25
0.40
0.50
V
VOL
g
STANDARD
outputs
VCC = 4.5V; VI = VIH or VIL; IO = 12mA
0.35
0.55
0.65
V


Podobny numer części - 74LV08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV08 NEXPERIA-74LV08 Datasheet
218Kb / 11P
   Quad 2-input AND gate
Rev. 5 - 13 September 2021
74LV08-Q100 NEXPERIA-74LV08-Q100 Datasheet
691Kb / 12P
   Quad 2-input AND gate
logo
Diodes Incorporated
74LV08A DIODES-74LV08A Datasheet
275Kb / 9P
   QUADRUPLE 2-INPUT AND GATES
logo
Nexperia B.V. All right...
74LV08A NEXPERIA-74LV08A Datasheet
192Kb / 10P
   Quad 2-input AND gate
Rev. 1 - 19 December 2018
74LV08APW NEXPERIA-74LV08APW Datasheet
192Kb / 10P
   Quad 2-input AND gate
Rev. 1 - 19 December 2018
More results

Podobny opis - 74LV08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com