Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV107 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LV107
Szczegółowy opis  Dual JK flip-flop with reset; negative-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV107 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LV107 Datasheet HTML 1Page - NXP Semiconductors 74LV107 Datasheet HTML 2Page - NXP Semiconductors 74LV107 Datasheet HTML 3Page - NXP Semiconductors 74LV107 Datasheet HTML 4Page - NXP Semiconductors 74LV107 Datasheet HTML 5Page - NXP Semiconductors 74LV107 Datasheet HTML 6Page - NXP Semiconductors 74LV107 Datasheet HTML 7Page - NXP Semiconductors 74LV107 Datasheet HTML 8Page - NXP Semiconductors 74LV107 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74LV107
Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
5
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
VCC = 1.2 V
0.9
0.9
VIH
HIGH level Input
VCC = 2.0 V
1.4
1.4
V
VIH
voltage
VCC = 2.7 to 3.6 V
2.0
2.0
V
VCC = 4.5 to 5.5 V
0.7
<VCC
0.7
<VCC
VCC = 1.2 V
0.3
0.3
VIL
LOW level Input
VCC = 2.0 V
0.6
0.6
V
VIL
voltage
VCC = 2.7 to 3.6 V
0.8
0.8
V
VCC = 4.5 to 5.5
0.3
<VCC
0.3
<VCC
VCC = 1.2 V; VI = VIH or VIL; –IO = 100µA
1.2
HIGH level output
VCC = 2.0 V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
VOH
HIGH level output
voltage; all outputs
VCC = 2.7 V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
V
voltage all out uts
VCC = 3.0 V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
VCC = 4.5 V; VI = VIH or VIL; –IO = 100µA
4.3
4.5
4.3
VOH
HIGH level output
voltage;
VCC = 3.0 V; VI = VIH or VIL; –IO = 6mA
2.40
2.82
2.20
V
VOH
g
STANDARD
outputs
VCC = 4.5 V; VI = VIH or VIL; –IO = 12mA
3.60
4.20
3.50
V
VCC = 1.2 V; VI = VIH or VIL; IO = 100µA
0
LOW level output
VCC = 2.0 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage; all outputs
VCC = 2.7 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
voltage all out uts
VCC = 3.0 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VCC = 4.5 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage;
VCC = 3.0 V; VI = VIH or VIL; IO = 6mA
0.25
0.40
0.50
V
VOL
g
STANDARD
outputs
VCC = 4.5 V; VI = VIH or VIL; IO = 12mA
0.35
0.55
0.65
V
II
Input leakage
current
VCC = 5.5 V; VI = VCC or GND
1.0
1.0
µA
ICC
Quiescent supply
current; flip-flops
VCC = 5.5V; VI = VCC or GND; IO = 0
20.0
80
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7 V to 3.6 V; VI = VCC – 0.6 V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
95
Propagation delay
2.0
32
44
56
tPHL/tPLH
Propagation delay
nCP to nQ, nQ
Figures 1, 2
2.7
24
33
41
ns
nCP to nQ, nQ
3.0 to 3.6
182
26
33
4.5 to 5.5
22
28


Podobny numer części - 74LV107

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV10 PHILIPS-74LV10 Datasheet
113Kb / 10P
   Triple 3-input NAND gate
1998 Apr 20
74LV109 PHILIPS-74LV109 Datasheet
124Kb / 12P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74LV109D PHILIPS-74LV109D Datasheet
124Kb / 12P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74LV109DB PHILIPS-74LV109DB Datasheet
124Kb / 12P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74LV109N PHILIPS-74LV109N Datasheet
124Kb / 12P
   Dual JK flip-flop with set and reset; positive-edge trigger
1998 Apr 20
More results

Podobny opis - 74LV107

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
logo
NXP Semiconductors
74HC73 NXP-74HC73 Datasheet
457Kb / 16P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
74HC73 PHILIPS-74HC73 Datasheet
52Kb / 7P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC73-Q100 NEXPERIA-74HC73-Q100 Datasheet
221Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 1 - 4 December 2020
74HC73 NEXPERIA-74HC73 Datasheet
245Kb / 13P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
74HCT107 NEXPERIA-74HCT107 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 6 - 7 July 2021
logo
NXP Semiconductors
74HC107 PHILIPS-74HC107 Datasheet
53Kb / 7P
   Dual JK flip-flop with reset; negative-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
747Kb / 17P
   Dual JK flip-flop with reset; negative-edge trigger
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
logo
NXP Semiconductors
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com