Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV11 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LV11
Szczegółowy opis  Triple 3-input AND gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV11 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LV11 Datasheet HTML 1Page - NXP Semiconductors 74LV11 Datasheet HTML 2Page - NXP Semiconductors 74LV11 Datasheet HTML 3Page - NXP Semiconductors 74LV11 Datasheet HTML 4Page - NXP Semiconductors 74LV11 Datasheet HTML 5Page - NXP Semiconductors 74LV11 Datasheet HTML 6Page - NXP Semiconductors 74LV11 Datasheet HTML 7Page - NXP Semiconductors 74LV11 Datasheet HTML 8Page - NXP Semiconductors 74LV11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LV11
Triple 3-input AND gate
2
1998 Apr 20
853–1894 19256
FEATURES
Optimized for Low Voltage applications: 1.0 to 3.6 V
Accepts TTL input levels between V
CC = 2.7 V and VCC = 3.6 V
Typical V
OLP (output ground bounce) t 0.8 V at VCC = 3.3 V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) u 2 V at VCC = 3.3 V,
Tamb = 25°C
Output capability: standard
I
CC category: SSI
DESCRIPTION
The 74LV11 is a low-voltage Si-gate CMOS device and is pin and
function compatible with 74HC/HCT11.
The 74LV11 provides the 3-input AND function.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf v2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nA, nB, nC to nY
CL = 15 pF;
VCC = 3.3 V
10
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per gate
See Notes 1 and 2
18
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) (CL × VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL
VCC2
fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
14-Pin Plastic DIL
–40
°C to +125°C
74LV11 N
74LV11 N
SOT27-1
14-Pin Plastic SO
–40
°C to +125°C
74LV11 D
74LV11 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV11 DB
74LV11 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV11 PW
74LV11PW DH
SOT402-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 3, 9
1A – 3A
Data inputs
2, 4, 10
1B – 3B
Data inputs
7
GND
Ground (0 V)
12, 6, 8
1Y – 3Y
Data outputs
13, 5, 11
1C – 3C
Data inputs
14
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
OUTPUT
nA
nB
nC
nY
L
L
L
L
L
L
H
L
L
H
L
L
L
H
H
L
H
L
L
L
H
L
H
L
H
H
L
L
H
H
H
H
NOTES:
H = HIGH voltage level
L = LOW voltage level


Podobny numer części - 74LV11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV10 PHILIPS-74LV10 Datasheet
113Kb / 10P
   Triple 3-input NAND gate
1998 Apr 20
74LV107 PHILIPS-74LV107 Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74LV107D PHILIPS-74LV107D Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74LV107DB PHILIPS-74LV107DB Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74LV107N PHILIPS-74LV107N Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
More results

Podobny opis - 74LV11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
   Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
   Triple 3-input AND Gate
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
   TRIPLE 3-INPUT AND GATE
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
   Triple 3-Input AND gate
1991 Feb 08
logo
STMicroelectronics
M74HC11 STMICROELECTRONICS-M74HC11 Datasheet
177Kb / 8P
   TRIPLE 3-INPUT AND GATE
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_07 Datasheet
210Kb / 8P
   Triple 3-Input AND Gate
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
   Triple 3-Input AND Gate
logo
Texas Instruments
54F11 TI1-54F11 Datasheet
347Kb / 10P
[Old version datasheet]   Triple 3-Input AND Gate
logo
Nexperia B.V. All right...
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
   Triple 3-input AND gate
Rev. 4 - 11 August 2021
logo
National Semiconductor ...
54F11DM NSC-54F11DM Datasheet
96Kb / 8P
   Triple 3-Input AND Gate
logo
NXP Semiconductors
74HC11 PHILIPS-74HC11 Datasheet
33Kb / 5P
   Triple 3-input AND gate
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com