Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV139 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LV139
Szczegółowy opis  Dual 2-to-4 line decoder/demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV139 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LV139 Datasheet HTML 1Page - NXP Semiconductors 74LV139 Datasheet HTML 2Page - NXP Semiconductors 74LV139 Datasheet HTML 3Page - NXP Semiconductors 74LV139 Datasheet HTML 4Page - NXP Semiconductors 74LV139 Datasheet HTML 5Page - NXP Semiconductors 74LV139 Datasheet HTML 6Page - NXP Semiconductors 74LV139 Datasheet HTML 7Page - NXP Semiconductors 74LV139 Datasheet HTML 8Page - NXP Semiconductors 74LV139 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LV139
Dual 2-to-4 line decoder/demultiplexer
2
1998 Apr 28
853–1922 19290
FEATURES
Wide operating voltage: 1.0 to 5.5 V
Optimized for low voltage applications: 1.0 to 3.6 V
Accepts TTL input levels between V
CC = 2.7 V and VCC = 3.6 V
Typical V
OLP (output ground bounce) < 0.8 V at VCC = 3.3 V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) > 2 V at VCC = 3.3 V,
Tamb = 25°C
Demultiplexing capability
Two independent 2-to-4 decoders
Multifunction capability
Active LOW mutually exclusive outputs
Output capability: standard
I
CC category: MSI
APPLICATIONS
Memory decoding or data-routing
Code conversion
DESCRIPTION
The 74LV139 is a low-voltage Si-gate CMOS device that is pin and
function compatible with 74HC/HCT139.
The 74LV139 is a dual 2-to-4 line decoder/demultiplexer. This device
has two independent decoders, each accepting two binary weighted
inputs (nA0 and nA1) and providing four mutually exclusive active
LOW outputs (nY0 to nY3). Each decoder has an active LOW enable
input (nE).
When nE is HIGH, every output is forced HIGH. The enable can be
used as the data input for a 1-to-4 demultiplexer application.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nAn to nYn,
nE to nYn
CL = 15 pF;
VCC = 3.3 V
11
10
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per
multiplexer
VCC = 3.3 V
VI = GND to VCC1
42
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL × VCC2 × fo) = sum of the outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
16-Pin Plastic DIL
–40
°C to +125°C
74LV139 N
74LV139 N
SOT38-4
16-Pin Plastic SO
–40
°C to +125°C
74LV139 D
74LV139 D
SOT109-1
16-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV139 DB
74LV139 DB
SOT338-1
16-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV139 PW
74LV139PW DH
SOT403-1
PIN CONFIGURATION
SV00530
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1E
1A0
1A1
1Y0
1Y1
1Y2
1Y3
GND
VCC
2E
2A0
2A1
2Y0
2Y1
2Y2
2Y3
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1, 15
1E, 2E
Enable inputs (active LOW)
2, 3
1A0, 1A1
Address inputs
4, 5, 6, 7
1Y0 to 1Y3
Outputs (active LOW)
8
GND
Ground (0 V)
12, 11, 10, 9
2Y0 to 2Y3
Outputs (active LOW)
14, 13
2A0, 2A1
Address inputs
16
VCC
Positive supply voltage


Podobny numer części - 74LV139

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV132 PHILIPS-74LV132 Datasheet
117Kb / 12P
   Quad 2-input NAND Schmitt-trigger
1998 Apr 28
74LV132 NXP-74LV132 Datasheet
105Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 04-12 November 2007
74LV132 NXP-74LV132 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LV132-Q100 NEXPERIA-74LV132-Q100 Datasheet
717Kb / 16P
   Quad 2-input NAND Schmitt trigger
More results

Podobny opis - 74LV139

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
   Dual 2-to-4 line decoder/demultiplexer
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
74LVC139 NEXPERIA-74LVC139 Datasheet
252Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
74HCT139-Q100 NEXPERIA-74HCT139-Q100 Datasheet
242Kb / 13P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 2 - 14 January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com