Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV154 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LV154
Szczegółowy opis  4-to-16 line decoder/demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV154 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LV154 Datasheet HTML 2Page - NXP Semiconductors 74LV154 Datasheet HTML 3Page - NXP Semiconductors 74LV154 Datasheet HTML 4Page - NXP Semiconductors 74LV154 Datasheet HTML 5Page - NXP Semiconductors 74LV154 Datasheet HTML 6Page - NXP Semiconductors 74LV154 Datasheet HTML 7Page - NXP Semiconductors 74LV154 Datasheet HTML 8Page - NXP Semiconductors 74LV154 Datasheet HTML 9Page - NXP Semiconductors 74LV154 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV154
4-to-16 line decoder/demultiplexer
1998 Apr 28
6
DC ELECTRICAL CHARACTERISTICS (Continued)
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
ICC
Quiescent supply
current; MSI
VCC = 3.6 V; VI = VCC or GND; IO = 0
20.0
160
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7 V to 3.6 V; VI = VCC – 0.6 V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
65
tPHL/tPLH
Propagation delay
Figures 1 2
2.0
22
43
51
ns
tPHL/tPLH
gy
An to Yn
Figures 1, 2
2.7
16
31
38
ns
3.0 to 3.6
122
25
30
1.2
70
tPHL/tPLH
Propagation delay
Figures 1 2
2.0
24
44
54
ns
tPHL/tPLH
gy
En to Yn
Figures 1, 2
2.7
18
33
40
ns
3.0 to 3.6
132
26
32
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C.
2. Typical values are measured at VCC = 3.3 V.
AC WAVEFORMS
VM = 1.5 V at VCC ≥ 2.7 V;
VM = 0.5 × VCC at VCC < 2.7 V;
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00549
V M
INPUTS
OUTPUTS
V
M
t
PLH
t
PHL
GND
Vl
VOL
VOH
Figure 1.
Address input (An) to output (Yn)
propagation delays.
SV00550
V M
INPUTS
OUTPUTS
VM
t PLH
t PHL
GND
V I
V OL
V OH
Figure 2.
Enable input (En) to output (Yn)
propagation delays.


Podobny numer części - 74LV154

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV153 PHILIPS-74LV153 Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153D PHILIPS-74LV153D Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153DB PHILIPS-74LV153DB Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153N PHILIPS-74LV153N Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153PW PHILIPS-74LV153PW Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
More results

Podobny opis - 74LV154

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
   4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
   4-Line to 16-Line Decoder/Demultiplexer
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
   4 TO 16 LINE DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT154 PHILIPS-74HCT154 Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
   4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
Hitachi Semiconductor
HD74HC154 HITACHI-HD74HC154 Datasheet
34Kb / 7P
   4-to-16-line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com