Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV157 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LV157
Szczegółowy opis  Quad 2-input multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV157 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LV157 Datasheet HTML 1Page - NXP Semiconductors 74LV157 Datasheet HTML 2Page - NXP Semiconductors 74LV157 Datasheet HTML 3Page - NXP Semiconductors 74LV157 Datasheet HTML 4Page - NXP Semiconductors 74LV157 Datasheet HTML 5Page - NXP Semiconductors 74LV157 Datasheet HTML 6Page - NXP Semiconductors 74LV157 Datasheet HTML 7Page - NXP Semiconductors 74LV157 Datasheet HTML 8Page - NXP Semiconductors 74LV157 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74LV157
Quad 2-input multiplexer
1998 Apr 30
5
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
HIGH l
l I
t
VCC = 1.2 V
0.9
0.9
VIH
HIGH level Input
voltage
VCC = 2.0 V
1.4
1.4
V
voltage
VCC = 2.7 to 3.6 V
2.0
2.0
LOW l
l I
t
VCC = 1.2 V
0.3
0.3
VIL
LOW level Input
voltage
VCC = 2.0 V
0.6
0.6
V
voltage
VCC = 2.7 to 3.6 V
0.8
0.8
VCC = 1.2 V; VI = VIH or VIL; –IO = 100µA
1.2
VO
HIGH level output
VCC = 2.0 V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
V
VOH
voltage; all outputs
VCC = 2.7 V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
V
VCC = 3.0 V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
VOH
HIGH level output
voltage;
STANDARD
outputs
VCC = 3.0 V; VI = VIH or VIL; –IO = 6mA
2.40
2.82
2.20
V
VCC = 1.2 V; VI = VIH or VIL; IO = 100µA
0
VO
LOW level output
VCC = 2.0 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
VOL
voltage; all outputs
VCC = 2.7 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
VCC = 3.0 V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage;
STANDARD
outputs
VCC = 3.0 V; VI = VIH or VIL; IO = 6mA
0.25
0.40
0.50
V
II
Input leakage
current
VCC = 3.6 V; VI = VCC or GND
1.0
1.0
µA
ICC
Quiescent supply
current; MSI
VCC = 3.6 V; VI = VCC or GND; IO = 0
20.0
160
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7 V to 3.6 V; VI = VCC – 0.6 V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.


Podobny numer części - 74LV157

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV153 PHILIPS-74LV153 Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153D PHILIPS-74LV153D Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153DB PHILIPS-74LV153DB Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153N PHILIPS-74LV153N Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153PW PHILIPS-74LV153PW Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
More results

Podobny opis - 74LV157

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com