Zakładka z wyszukiwarką danych komponentów |
|
74LV157 Arkusz danych(PDF) 6 Page - NXP Semiconductors |
|
74LV157 Arkusz danych(HTML) 6 Page - NXP Semiconductors |
6 / 12 page Philips Semiconductors Product specification 74LV157 Quad 2-input multiplexer 1998 Apr 30 6 AC CHARACTERISTICS GND = 0V; tr = tf = 2.5ns; CL = 50pF; RL = KΩ CONDITION LIMITS SYMBOL PARAMETER WAVEFORM CONDITION –40 to +85 °C –40 to +125 °C UNIT VCC(V) MIN TYP1 MAX MIN MAX 1.2 65 tPHL/tPLH Propagation delay nl0 to nY; Figures 1 2 2.0 22 43 51 ns tPHL/tPLH nl0 to nY; nl1 to nY Figures 1, 2 2.7 16 31 38 ns 1 3.0 to 3.6 122 25 30 1.2 70 tPHL/tPLH Propagation delay Figures 1 2 2.0 24 44 54 ns tPHL/tPLH gy E to nY Figures 1, 2 2.7 18 33 40 ns 3.0 to 3.6 132 26 32 1.2 75 t /t Propagation delay Figures 1 2 2.0 26 49 60 ns tPHL/tPLH gy S to nY Figures 1, 2 2.7 19 36 44 ns 3.0 to 3.6 142 29 35 NOTES: 1. Unless otherwise stated, all typical values are measured at Tamb = 25°C 2. Typical values are measured at VCC = 3.3 V. AC WAVEFORMS VM = 1.5 V at VCC ≥ 2.7 V; VM = 0.5 V × VCC at VCC < 2.7 V. VOL and VOH are the typical output voltage drop that occur with the output load. SV00567 V M E INPUT nY OUTPUT V M tPLH tPHL GND V CC V OL V OH Figure 1. Enable input (E) to output (nY) propagation delays and output transition times. SV00568 V M nI 0 , nI1 , S INPUT nY OUTPUT V M tPLH tPHL GND V CC V OL V OH Figure 2. Data inputs (nln) and common data select input (S) to output (nY) propagation delays. TEST CIRCUIT PULSE GENERATOR RT VI D.U.T. VO CL RL = 1k VCC Test Circuit for switching times DEFINITIONS VCC VI < 2.7V VCC TEST tPLH/tPHL RT = Termination resistance should be equal to ZOUT of pulse generators. 50pF SV00901 RL = Load resistor CL = Load capacitance includes jig and probe capacitance 2.7–3.6V 2.7V Figure 3. Load circuitry for switching times. |
Podobny numer części - 74LV157 |
|
Podobny opis - 74LV157 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |