Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV161 Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74LV161
Szczegółowy opis  Presettable synchronous 4-bit binary counter; asynchronous reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV161 Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74LV161 Datasheet HTML 5Page - NXP Semiconductors 74LV161 Datasheet HTML 6Page - NXP Semiconductors 74LV161 Datasheet HTML 7Page - NXP Semiconductors 74LV161 Datasheet HTML 8Page - NXP Semiconductors 74LV161 Datasheet HTML 9Page - NXP Semiconductors 74LV161 Datasheet HTML 10Page - NXP Semiconductors 74LV161 Datasheet HTML 11Page - NXP Semiconductors 74LV161 Datasheet HTML 12Page - NXP Semiconductors 74LV161 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
Product specification
74LV161
Presettable synchronous 4-bit binary counter;
asynchronous reset
1997 May 15
9
AC ELECTRICAL CHARACTERISTICS (Continued)
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
–35
th
Hold time
D
PE CEP CET to
Figures4–6
2.0
0
–12
0
ns
th
Dn, PE, CEP, CET to
CP
Figures 4 – 6
2.7
0
–9
0
ns
3.0 to 3.6
0
–72
0
Maximum clock
2.0
14
40
12
fmax
Maximum clock
pulse frequency
Figures 1, 6
2.7
19
58
16
MHz
ulse frequency
3.0 to 3.6
24
70
20
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3 V.
AC WAVEFORMS
VM = 1.5 V at VCC ≥ 2.7 V;
VM = 0.5 × VCC at VCC < 2.7 V;
VOL and VOH are the typical output voltage drop that occur with the output load.
Qn, TC
tW
SV00576
VM
CP INPUT
OUTPUT
VM
tPLH
tPHL
1/fmax
VOL
VOH
GND
VI
Figure 1. Clock (CP) to outputs (Qn, TC) propagation delays,
the clock pulse width and the maximum clock frequency.
trem
SV00577
VM
MR INPUT
CP INPUT
VI
VI
GND
GND
VOL
VOH
Qn , TC
OUTPUT
VM
VM
tPHL
tW
Figure 2. Master reset (MR) pulse width,
the master reset to output (Qn, TC) propagation delays
and the master reset to clock (CP) removal times.
SV00578
VM
CET INPUT
TC OUTPUT
VM
tPHL
tPLH
GND
VI
VOL
VOH
Figure 3. Input (CET) to output (TC) propagation delays.
SV00579
VM
VM
PE INPUT
CP INPUT
Dn INPUT
VM
th
tsu
tsu
tsu
tsu
th
th
th
GND
GND
GND
VI
VI
VI
The shaded areas indicate when the input is permitted to change
for predictable output performance.
Figure 4. Set-up and hold times for input (Dn)
and parallel enable input (PE).


Podobny numer części - 74LV161

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV161284DGGRE4 TI-74LV161284DGGRE4 Datasheet
186Kb / 7P
[Old version datasheet]   19-BIT BUS INTERFACE
More results

Podobny opis - 74LV161

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
   Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
logo
NXP Semiconductors
74LVC161 PHILIPS-74LVC161 Datasheet
118Kb / 14P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74LVC161 NEXPERIA-74LVC161 Datasheet
298Kb / 19P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 7 - 22 September 2021
logo
NXP Semiconductors
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
   Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com