Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV157D Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74LV157D
Szczegółowy opis  Quad 2-input multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV157D Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74LV157D Datasheet HTML 1Page - NXP Semiconductors 74LV157D Datasheet HTML 2Page - NXP Semiconductors 74LV157D Datasheet HTML 3Page - NXP Semiconductors 74LV157D Datasheet HTML 4Page - NXP Semiconductors 74LV157D Datasheet HTML 5Page - NXP Semiconductors 74LV157D Datasheet HTML 6Page - NXP Semiconductors 74LV157D Datasheet HTML 7Page - NXP Semiconductors 74LV157D Datasheet HTML 8Page - NXP Semiconductors 74LV157D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LV157
Quad 2-input multiplexer
1998 Apr 30
3
PIN CONFIGURATION
SV00563
1
2
3
4
5
6
S
1I
0
1I
1
1Y
2I
0
2I
1
V
CC
E
4I
0
4I
1
4Y
3I
0
16
15
14
13
12
11
7
8
2Y
GND
3I
1
3Y
10
9
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
S
Common data select input
2, 5, 11, 14
1l0 to 4l0
Data inputs from source 0
3, 6, 10, 13
1l1 to 4l1
Data inputs from source 1
4, 7, 9, 12
1Y to 4Y
Multiplexer outputs
8
GND
Ground (0 V)
15
E
Enable inputs (active LOW)
16
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
SV00565
EN
G1
15
1
7
4
9
12
6
5
3
2
MUX
1
11
10
14
13
1
LOGIC SYMBOL
SV00564
1
S
E
2
1I0
2I0
3I0
4I0
1I1
2I1
3I1
4I1
35
4
1Y
6
7
2Y
10
12
4Y
14
11
9
3Y
13
15
FUNCTIONAL DIAGRAM
SV00566
E
S
SELECTOR
MULTIPLEXER
OUTPUTS
1I 0
1Y
2Y
3Y
4Y
1I 1
2I 0
2I 1
3I 0
3I 1
4I 0
4I 1
115
7
4
9
12
6
5
2
3
11
10
14
13


Podobny numer części - 74LV157D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV153 PHILIPS-74LV153 Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153D PHILIPS-74LV153D Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153DB PHILIPS-74LV153DB Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153N PHILIPS-74LV153N Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
74LV153PW PHILIPS-74LV153PW Datasheet
115Kb / 14P
   Dual 4-input multiplexer
1998 Apr 28
More results

Podobny opis - 74LV157D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com