Zakładka z wyszukiwarką danych komponentów |
|
74LV4067 Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
74LV4067 Arkusz danych(HTML) 2 Page - NXP Semiconductors |
2 / 20 page Philips Semiconductors Product specification 74LV4067 16-channel analog multiplexer/demultiplexer 2 1998 Jun 23 853-1997 19618 FEATURES • Optimized for low voltage applications: 1.0 to 6.0 V • Accepts TTL input levels between V CC = 2.7 V and VCC = 3.6 V • Low typ “ON” resistance: 60 W at Vcc – GND = 4.5 V 90 W at Vcc – GND = 3.0 V 145 W at Vcc – GND = 2.0 V • Typical “break before make” built in • Output capability: non-standard • I CC category: MSI DESCRIPTION The 74LV4067 is a low-voltage CMOS device and is pin and function compatible with 74HC/HCT4067. The 74LV4067 is an 16-channel analog multiplexer/demultiplexer with four address inputs (So to S3), an active LOW enable input (E), sixteen independent inputs/outputs (Y0 to Y15) and a common input/output (Z). The 74LV4067 contains sixteen bidirectional analog switches, each with one side connected to an independent input/output (Y0 to Y15) and the other side connected to a common input/output (Z). With E LOW, one of the sixteen switches is selected (low impedance ON–state) by S0 to S3. All unselected switches are in the high impedance OFF-state. With E HIGH, all switches are in the high impedance OFF-state, independent of S0 to S3. The analog inputs/outputs (Y0 to Y15, and Z) can swing between Vcc as a positive limit and GND as a negative limit. Vcc – GND may not exceed 6.0 V. QUICK REFERENCE DATA GND = 0 V; Tamb = 25°C; tr =tf ≤ 2.5 ns SYMBOL PARAMETER CONDITIONS TYPICAL UNIT tPZH/tPZL Turn “ON” time E to VOS Sn to VOS CL = 15 pF RL = 1KW VCC = 3.3 V 25 27 ns tPHZ/tPLZ Turn “OFF” time E to VOS Sn to VOS 25 27 ns CI Input capacitance 3.5 pF CPD Power dissipation capacitance per switch See Notes 1 and 2 29 pF CS Maximum switch capacitance independent (Y) common (Z) 5 45 pF NOTE: 1. CPD is used to determine the dynamic power dissipation (PD in µW) PD = CPD × VCC2 × fi ) (CL × VCC2 × fo) where: fi = input frequency in MHz; CL = output load capacity in pF; fo = output frequency in MHz; CS = max. switch capacitance in pF; VCC = supply voltage in V; (CL × VCC2 × fo) = sum of the outputs. 2. The condition is VI = GND to VCC. ORDERING INFORMATION PACKAGES TEMPERATURE RANGE OUTSIDE NORTH AMERICA NORTH AMERICA PKG. DWG. # 24-Pin Plastic DIL –40 °C to +125°C 74LV4067 N 74LV4067 N SOT101-1 24-Pin Plastic SO –40 °C to +125°C 74LV4067 D 74LV4067 D SOT137-1 24-Pin Plastic SSOP Type II –40 °C to +125°C 74LV4067 DB 74LV4067 DB SOT340-1 24-Pin Plastic TSSOP Type I –40 °C to +125°C 74LV4067 PW 74LV4067PW DH SOT355-1 |
Podobny numer części - 74LV4067 |
|
Podobny opis - 74LV4067 |