Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4067D Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74LV4067D
Szczegółowy opis  16-channel analog multiplexer/demultiplexer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4067D Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74LV4067D Datasheet HTML 5Page - NXP Semiconductors 74LV4067D Datasheet HTML 6Page - NXP Semiconductors 74LV4067D Datasheet HTML 7Page - NXP Semiconductors 74LV4067D Datasheet HTML 8Page - NXP Semiconductors 74LV4067D Datasheet HTML 9Page - NXP Semiconductors 74LV4067D Datasheet HTML 10Page - NXP Semiconductors 74LV4067D Datasheet HTML 11Page - NXP Semiconductors 74LV4067D Datasheet HTML 12Page - NXP Semiconductors 74LV4067D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Philips Semiconductors
Product specification
74LV4067
16-channel analog multiplexer/demultiplexer
1998 Jun 23
9
SV01623
V
HIGH
(from enable inputs)
I
is
Z
GND
Y
n
V
is
= 0 to V
CC
– GND
Figure 1. Test circuit for measuring ON-resistance (RON).
SV01628
A
LOW
(from enable inputs)
Z
GND
Yn
V
I = VCC or GND
V
O= GND or V CC
A
Figure 2. Test circuit for measuring OFF-state current.
SV01629
HIGH
(from enable inputs)
Z
GND
Y
n
V
I
= V
CC
or GND
VO
(open circuit)
A
A
Figure 3. Test circuit for measuring ON-state current.
SV01627
0
V CC = 2.0 V
V
CC = 3.0 V
VCC = 4.5 V
0
1.2
2.4
3.6
V
is (V)
4.8
60
30
120
90
150
R
ON
(
W)
Figure 4. Typical ON-resistance (Ron) as a function of input
voltage (Vis for Vis = 0 to VCC – GND.
SV01631
0
2.0
4.0
6.0
2.0
4.0
6.0
V
CC
– GND
(V)
V
CC
– GND
(V)
operating area
Figure 5. Guaranteed operating area as a
function of the supply voltages.


Podobny numer części - 74LV4067D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4060 PHILIPS-74LV4060 Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060 NEXPERIA-74LV4060 Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
74LV4060-Q100 NEXPERIA-74LV4060-Q100 Datasheet
806Kb / 21P
   14-stage binary ripple counter with oscillator
logo
NXP Semiconductors
74LV4060D PHILIPS-74LV4060D Datasheet
165Kb / 18P
   14-stage binary ripple counter with oscillator
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4060D NEXPERIA-74LV4060D Datasheet
286Kb / 17P
   14-stage binary ripple counter with oscillator
Rev. 5 - 24 March 2021
More results

Podobny opis - 74LV4067D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
logo
Nexperia B.V. All right...
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HCT4067DB NXP-74HCT4067DB Datasheet
205Kb / 30P
   16-channel analog multiplexer/demultiplexer
Rev. 5-13 December 2011
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
   16-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com