Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV161D Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74LV161D
Szczegółowy opis  Presettable synchronous 4-bit binary counter; asynchronous reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV161D Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74LV161D Datasheet HTML 1Page - NXP Semiconductors 74LV161D Datasheet HTML 2Page - NXP Semiconductors 74LV161D Datasheet HTML 3Page - NXP Semiconductors 74LV161D Datasheet HTML 4Page - NXP Semiconductors 74LV161D Datasheet HTML 5Page - NXP Semiconductors 74LV161D Datasheet HTML 6Page - NXP Semiconductors 74LV161D Datasheet HTML 7Page - NXP Semiconductors 74LV161D Datasheet HTML 8Page - NXP Semiconductors 74LV161D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Product specification
74LV161
Presettable synchronous 4-bit binary counter;
asynchronous reset
1997 May 15
3
PIN CONFIGURATION
SV00569
1
2
3
4
5
6
MR
CP
D0
D1
D2
D3
V
CC
TC
Q0
16
15
14
13
12
11
7
8
GND
CET
PE
10
9
CEP
Q1
Q2
Q3
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
MR
Asynchronous master reset (active LOW)
2
CP
Clock input
(LOW-to-HIGH, edge-triggered)
3, 4, 5, 6
D0 to D3
Data inputs
7
CEP
Count enable inputs
8
GND
Ground (0 V)
9
PE
Parallel enable input (active LOW)
10
CET
Count enable carry input
14, 13, 12,
11
Q0 to Q3
Flip-flop outputs
15
TC
Terminal count output
16
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
SV00571
CTR4
4CT = 15
1, 2D
M1
R
G3
G4
1
10
7
9
2
3
4
5
6
15
11
12
13
14
C2/1,3,4+
LOGIC SYMBOL
SV00570
14
13
12
11
15
Q 0
Q 1
Q 2
Q 3
MR
CP
CET
CEP
PE
D 3
D 2
D 1
D 0
TC
9
2
10
71
6
5
4
3
FUNCTIONAL DIAGRAM
SV00572
PE
CP
TC
CET
CEP
MR
7
10
15
2
1
9
D3
Q3
D2
Q2
D1
Q1
D0
Q0
BINARY
COUNTER
PARALLEL LOAD
CIRCUITRY
6
11
5
12
4
13
3
14


Podobny numer części - 74LV161D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV161284DGGRE4 TI-74LV161284DGGRE4 Datasheet
186Kb / 7P
[Old version datasheet]   19-BIT BUS INTERFACE
More results

Podobny opis - 74LV161D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
   Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
logo
NXP Semiconductors
74LVC161 PHILIPS-74LVC161 Datasheet
118Kb / 14P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74LVC161 NEXPERIA-74LVC161 Datasheet
298Kb / 19P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 7 - 22 September 2021
logo
NXP Semiconductors
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
   Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com