Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV164 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LV164
Szczegółowy opis  8-bit serial-in/parallel-out shift register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV164 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LV164 Datasheet HTML 1Page - NXP Semiconductors 74LV164 Datasheet HTML 2Page - NXP Semiconductors 74LV164 Datasheet HTML 3Page - NXP Semiconductors 74LV164 Datasheet HTML 4Page - NXP Semiconductors 74LV164 Datasheet HTML 5Page - NXP Semiconductors 74LV164 Datasheet HTML 6Page - NXP Semiconductors 74LV164 Datasheet HTML 7Page - NXP Semiconductors 74LV164 Datasheet HTML 8Page - NXP Semiconductors 74LV164 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74LV164
8-bit serial-in/parallel-out shift register
1998 May 07
5
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
VCC = 1.2V
0.9
0.9
VIH
HIGH level Input
VCC = 2.0V
1.4
1.4
V
VIH
voltage
VCC = 2.7 to 3.6V
2.0
2.0
V
VCC = 4.5 to 5.5V
0.7*VCC
0.7*VCC
VCC = 1.2V
0.3
0.3
VIL
LOW level Input
VCC = 2.0V
0.6
0.6
V
VIL
voltage
VCC = 2.7 to 3.6V
0.8
0.8
V
VCC = 4.5 to 5.5
0.3*VCC
0.3*VCC
VCC = 1.2V; VI = VIH or VIL; –IO = 100µA
1.2
HIGH level output
VCC = 2.0V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
VOH
HIGH level output
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
V
voltage all out uts
VCC = 3.0V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
VCC = 4.5V;VI = VIH or VIL; –IO = 100µA
4.3
4.5
4.3
VOH
HIGH level output
voltage;
VCC = 3.0V;VI = VIH or VIL; –IO = 6mA
2.40
2.82
2.20
V
VOH
g
STANDARD
outputs
VCC = 4.5V;VI = VIH or VIL; –IO = 12mA
3.60
4.20
3.50
V
VCC = 1.2V; VI = VIH or VIL; IO = 100µA
0
LOW level output
VCC = 2.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
voltage all out uts
VCC = 3.0V;VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VCC = 4.5V;VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage;
VCC = 3.0V;VI = VIH or VIL; IO = 6mA
0.25
0.40
0.50
V
VOL
g
STANDARD
outputs
VCC = 4.5V;VI = VIH or VIL; IO = 12mA
0.35
0.55
0.65
V
II
Input leakage
current
VCC = 5.5V; VI = VCC or GND
1.0
1.0
µA
ICC
Quiescent supply
current; MSI
VCC = 5.5V; VI = VCC or GND; IO = 0
20.0
160
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7V to 3.6V; VI = VCC –0.6V
500
850
µA
NOTES:
1. All typical values are measured at Tamb = 25°C.


Podobny numer części - 74LV164

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV164 NEXPERIA-74LV164 Datasheet
259Kb / 15P
   8-bit serial-in/parallel-out shift register
Rev. 6 - 15 September 2021
74LV164-Q100 NEXPERIA-74LV164-Q100 Datasheet
768Kb / 19P
   8-bit serial-in/parallel-out shift register
logo
Texas Instruments
74LV164A TI-74LV164A Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74LV164AD TI1-74LV164AD Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
logo
Nexperia B.V. All right...
74LV164BQ NEXPERIA-74LV164BQ Datasheet
259Kb / 15P
   8-bit serial-in/parallel-out shift register
Rev. 6 - 15 September 2021
More results

Podobny opis - 74LV164

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com