Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV164 Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LV164
Szczegółowy opis  8-bit serial-in/parallel-out shift register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV164 Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LV164 Datasheet HTML 3Page - NXP Semiconductors 74LV164 Datasheet HTML 4Page - NXP Semiconductors 74LV164 Datasheet HTML 5Page - NXP Semiconductors 74LV164 Datasheet HTML 6Page - NXP Semiconductors 74LV164 Datasheet HTML 7Page - NXP Semiconductors 74LV164 Datasheet HTML 8Page - NXP Semiconductors 74LV164 Datasheet HTML 9Page - NXP Semiconductors 74LV164 Datasheet HTML 10Page - NXP Semiconductors 74LV164 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LV164
8-bit serial-in/parallel-out shift register
1998 May 07
7
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V v 3.6V
VM = 0.5V * VCC at VCC t 2.7V and w 4.5V
VOL and VOH are the typical output voltage drop that occur with the
output load.
tPLH
tPHL
1/fmax
VOH
Qn OUTPUT
VI
CP INPUT
GND
VOL
VM
VM
tw
SV00351
Figure 1. The clock (CP) to output (Qn) propagation delays, the
clock pulse width, the output transition times and the
maximum clock pulse frequency
Vi
VOL
VM
tw
trem
tPHL
VM
Qn OUTPUT
CP INPUT
GND
VOH
MR INPUT
Vi
GND
SV00352
VM
Figure 2. The master reset (MR) pulse width, the master reset to
output (Qn) propagation delay and the master reset to clock
(CP) removal time
t
su
t
su
CP INPUT
Dn INPUT
Qn OUTPUT
VM
th
VM
VM
th
Vl
GND
Vl
GND
VOH
VOL
SV00353
Figure 3. Data set-up and hold times for the Dn inputs
NOTE:
The shaded areas indicate when the input is permitted to change for
predictable output performance.
TEST CIRCUIT
PULSE
GENERATOR
RT
Vl
D.U.T.
VO
CL
RL= 1k
Vcc
Test Circuit for Outputs
DEFINITIONS
VCC
VI
< 2.7V
2.7–3.6V
VCC
2.7V
TEST
tPLH/tPHL
≥ 4.5 V
VCC
RL = Load resistor
CL = Load capacitance includes jig and probe capacitiance
50pF
RT = Termination resistance should be equal to ZOUT of pulse generators.
SV00902
Figure 4. Load circuitry for switching times


Podobny numer części - 74LV164

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV164 NEXPERIA-74LV164 Datasheet
259Kb / 15P
   8-bit serial-in/parallel-out shift register
Rev. 6 - 15 September 2021
74LV164-Q100 NEXPERIA-74LV164-Q100 Datasheet
768Kb / 19P
   8-bit serial-in/parallel-out shift register
logo
Texas Instruments
74LV164A TI-74LV164A Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74LV164AD TI1-74LV164AD Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
logo
Nexperia B.V. All right...
74LV164BQ NEXPERIA-74LV164BQ Datasheet
259Kb / 15P
   8-bit serial-in/parallel-out shift register
Rev. 6 - 15 September 2021
More results

Podobny opis - 74LV164

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com