Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV163D Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74LV163D
Szczegółowy opis  Presettable synchronous 4-bit binary counter; synchronous reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV163D Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74LV163D Datasheet HTML 5Page - NXP Semiconductors 74LV163D Datasheet HTML 6Page - NXP Semiconductors 74LV163D Datasheet HTML 7Page - NXP Semiconductors 74LV163D Datasheet HTML 8Page - NXP Semiconductors 74LV163D Datasheet HTML 9Page - NXP Semiconductors 74LV163D Datasheet HTML 10Page - NXP Semiconductors 74LV163D Datasheet HTML 11Page - NXP Semiconductors 74LV163D Datasheet HTML 12Page - NXP Semiconductors 74LV163D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
74LV163
Presettable synchronous 4-bit binary counter;
synchronous reset
1998 Apr 30
9
AC WAVEFORMS
VM = 1.5 V at VCC ≥ 2.7 V;
VM = 0.5 × VCC at VCC < 2.7 V;
VOL and VOH are the typical output voltage drop that occur with the
output load.
Qn, TC
tW
SV00576
VM
CP INPUT
OUTPUT
VM
tPLH
tPHL
1/fmax
VOL
VOH
GND
VI
Figure 1. Clock (CP) to outputs (Qn, TC) propagation delays,
the clock pulse width and the maximum clock frequency.
SV00578
VM
CET INPUT
TC OUTPUT
VM
tPHL
tPLH
GND
VI
VOL
VOH
Figure 2. Input (CET) to output (TC) propagation delays and
output transition times.
SV00579
VM
VM
PE INPUT
CP INPUT
Dn INPUT
VM
th
tsu
tsu
tsu
tsu
th
th
th
GND
GND
GND
VI
VI
VI
The shaded areas indicate when the input is permitted to change
for predictable output performance.
Figure 3. Set-up and hold times for input (Dn)
and parallel enable input (PE).
SV00584
VM
MR
INPUT
CP INPUT
VM
th
tsu
tsu
th
GND
GND
VI
VI
The shaded areas indicate when the input is permitted to change
for predictable output performance.
Figure 4. MR set-up and hold times.
SV00580
VM
CEP, CET
INPUT
CP INPUT
VM
th
tsu
tsu
th
GND
GND
VI
VI
The shaded areas indicate when the input is permitted to change
for predictable output performance.
Figure 5. CEP and CET set-up and hold times.
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
RL = 1KΩ
VCC
Test Circuit for switching times
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
tPLH/tPHL
RT = Termination resistance should be equal to ZOUT
of pulse generators.
50pF
SV00901
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
2.7–3.6V
2.7V
Figure 6. Load circuitry for switching times.


Podobny numer części - 74LV163D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV163A TI-74LV163A Datasheet
498Kb / 20P
[Old version datasheet]   4BIT SYNCHRONOUS BINARY
More results

Podobny opis - 74LV163D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
   Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HC163-Q100 NEXPERIA-74HC163-Q100 Datasheet
294Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
logo
NXP Semiconductors
74LVC163 PHILIPS-74LVC163 Datasheet
115Kb / 12P
   Presettable synchronous 4-bit binary counter; synchronous reset
1998 May 20
logo
Nexperia B.V. All right...
74HCT163-Q100 NEXPERIA-74HCT163-Q100 Datasheet
292Kb / 19P
   Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 2 - 12 October 2018
logo
NXP Semiconductors
74HC161 PHILIPS-74HC161 Datasheet
83Kb / 12P
   Presettable synchronous 4-bit binary counter; asynchronous reset
December 1990
74LV161 PHILIPS-74LV161 Datasheet
148Kb / 16P
   Presettable synchronous 4-bit binary counter; asynchronous reset
1997 May 15
logo
Nexperia B.V. All right...
74HC161-Q100 NEXPERIA-74HC161-Q100 Datasheet
272Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
74HC161 NEXPERIA-74HC161 Datasheet
279Kb / 17P
   Presettable synchronous 4-bit binary counter; asynchronous reset
Rev. 5 - 16 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com