Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV165 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LV165
Szczegółowy opis  8-bit parallel-in/serial-out shift register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV165 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LV165 Datasheet HTML 2Page - NXP Semiconductors 74LV165 Datasheet HTML 3Page - NXP Semiconductors 74LV165 Datasheet HTML 4Page - NXP Semiconductors 74LV165 Datasheet HTML 5Page - NXP Semiconductors 74LV165 Datasheet HTML 6Page - NXP Semiconductors 74LV165 Datasheet HTML 7Page - NXP Semiconductors 74LV165 Datasheet HTML 8Page - NXP Semiconductors 74LV165 Datasheet HTML 9Page - NXP Semiconductors 74LV165 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
74LV165
8-bit parallel-in/serial-out shift register
1998 May 07
6
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
115
2.0
38
61
76
tPLH/tPHL
Propagation delay
CE, CP to Q7, Q7
Figures 1, 2
2.7
27
43
54
ns
CE, CP to Q7, Q7
3.0 to 3.6
222
36
45
4.5 to 5.5
15
24
30
1.2
110
2.0
35
56
70
tPLH/tPHL
Propagation delay
PL to Q7, Q7
Figures 1, 2
2.7
24
39
49
ns
PL to Q7, Q7
3.0 to 3.6
202
33
41
4.5 to 5.5
14
22
27
1.2
90
2.0
28
45
56
tPLH/tPHL
Propagation delay
D7 to Q7, Q7
Figures 1, 2
2.7
20
32
40
ns
D7 to Q7, Q7
3.0 to 3.6
172
27
33
4.5 to 5.5
11
18
22
2.0
34
10
41
t
Clock Pulse width
Figures 1 2
2.7
25
8
30
ns
tw
HIGH or LOW
Figures 1, 2
3.0 to 3.6
20
72
24
ns
4.5 to 5.5
15
5
18
2.0
34
10
41
t
Parallel load pulse
Figures 1 2
2.7
25
8
30
ns
tw
width LOW
Figures 1, 2
3.0 to 3.6
20
72
24
ns
4.5 to 5.5
15
5
18
1.2
40
2.0
24
15
30
trem
Removal time
PL to CP, CE
Figures 1, 2
2.7
18
11
23
ns
PL to CP, CE
3.0 to 3.6
17
102
21
4.5 to 5.5
12
7
15
1.2
–8
2.0
22
–2
26
tsu
Set-up time
DS to CP, CE
Figures 1, 2
2.7
16
–1
19
ns
DS to CP, CE
3.0 to 3.6
13
–12
15
4.5 to 5.5
9
0
10
1.2
20
2.0
22
7
26
tsu
Set-up time
CE to CP; CP to CE
Figures 1, 2
2.7
16
5
19
ns
CE to CP CP to CE
3.0 to 3.6
13
42
15
4.5 to 5.5
9
3
10


Podobny numer części - 74LV165

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV165 NEXPERIA-74LV165 Datasheet
278Kb / 16P
   8-bit parallel-in/serial-out shift register
Rev. 9 - 5 September 2022
74LV165-Q100 NEXPERIA-74LV165-Q100 Datasheet
777Kb / 19P
   8-bit parallel-in/serial-out shift register
logo
NXP Semiconductors
74LV165A PHILIPS-74LV165A Datasheet
102Kb / 18P
   8-bit parallel-in/serial-out shift register
2003 Jul 23
logo
Texas Instruments
74LV165A TI-74LV165A Datasheet
735Kb / 19P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
logo
Nexperia B.V. All right...
74LV165A NEXPERIA-74LV165A Datasheet
810Kb / 19P
   8-bit parallel-in/serial-out shift register
Rev. 4 - 28 March 2014
More results

Podobny opis - 74LV165

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com