Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV174 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74LV174
Szczegółowy opis  Hex D-type flip-flop with reset; positive-edge trigger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV174 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74LV174 Datasheet HTML 1Page - NXP Semiconductors 74LV174 Datasheet HTML 2Page - NXP Semiconductors 74LV174 Datasheet HTML 3Page - NXP Semiconductors 74LV174 Datasheet HTML 4Page - NXP Semiconductors 74LV174 Datasheet HTML 5Page - NXP Semiconductors 74LV174 Datasheet HTML 6Page - NXP Semiconductors 74LV174 Datasheet HTML 7Page - NXP Semiconductors 74LV174 Datasheet HTML 8Page - NXP Semiconductors 74LV174 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
74LV174
Hex D-type flip-flop with reset; positive edge-trigger
1998 May 20
3
PIN CONFIGURATION
SV00347
16
15
14
13
12
11
10
7
6
5
4
3
2
1
Q2
VCC
Q4
D3
Q3
D4
Q5
D5
MR
Q0
D2
D0
D1
Q1
9
8
GND
CP
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
MR
Asynchronous master reset (active
LOW)
2, 5, 7, 10,
12, 15
Q0 to Q5
Flip-flop outputs
3, 4, 6, 11,
13, 14
D0 to D5
Data inputs
8
GND
Ground (0V)
9
CP
Clock input (LOW-to-HIGH, edge-
triggered)
16
VCC
Positive supply voltage
LOGIC SYMBOL
SV00348
Q2
Q3
Q4
Q5
7
10
12
15
3
4
6
Q1
5
Q0
2
9
1
CP
MR
D0
D1
D2
D3
D4
D5
11
13
14
LOGIC SYMBOL (IEEE/IEC)
SV00349
3
1D
9
C1
1
R
4
6
11
13
14
2
5
7
10
12
15


Podobny numer części - 74LV174

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV174A TI-74LV174A Datasheet
428Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
More results

Podobny opis - 74LV174

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IN74LV174 INTEGRAL-IN74LV174 Datasheet
50Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74HC174 PHILIPS-74HC174 Datasheet
101Kb / 13P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC174-Q100 NEXPERIA-74HC174-Q100 Datasheet
730Kb / 16P
   Hex D-type flip-flop with reset; positive-edge trigger
74HCT174-Q100 NEXPERIA-74HCT174-Q100 Datasheet
252Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
74HCT174 NEXPERIA-74HCT174 Datasheet
255Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 6 - 1 September 2021
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com