Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV20 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74LV20
Szczegółowy opis  Dual 4-input NAND gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV20 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74LV20 Datasheet HTML 1Page - NXP Semiconductors 74LV20 Datasheet HTML 2Page - NXP Semiconductors 74LV20 Datasheet HTML 3Page - NXP Semiconductors 74LV20 Datasheet HTML 4Page - NXP Semiconductors 74LV20 Datasheet HTML 5Page - NXP Semiconductors 74LV20 Datasheet HTML 6Page - NXP Semiconductors 74LV20 Datasheet HTML 7Page - NXP Semiconductors 74LV20 Datasheet HTML 8Page - NXP Semiconductors 74LV20 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LV20
Dual 4-input NAND gate
1998 Apr 20
3
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
2B
2A
2Y
NC
2D
2C
1A
1B
1Y
NC
1C
1D
SV00360
LOGIC SYMBOL (IEEE/IEC)
1
2
4
5
6
8
9
10
12
13
&
&
SV00362
LOGIC SYMBOL
SV00361
1A
1B
1C
1D
2A
2B
2C
2D
1
2
4
5
9
10
12
13
1Y
2Y
6
8
LOGIC DIAGRAM
A
B
C
D
Y
SV00363


Podobny numer części - 74LV20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV21A TI-74LV21A Datasheet
325Kb / 13P
[Old version datasheet]   DUAL 4-INPIT POSITIVE-AND GATES
logo
NXP Semiconductors
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74LV240D PHILIPS-74LV240D Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74LV240DB PHILIPS-74LV240DB Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74LV240N PHILIPS-74LV240N Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
More results

Podobny opis - 74LV20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
   Dual 4-Input NAND gate
1996 Jul 01
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
   Dual 4-input NAND gate
December 1990
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Toshiba Semiconductor
TC74AC20F TOSHIBA-TC74AC20F_12 Datasheet
244Kb / 7P
   Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
   Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
   Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com