Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV240 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LV240
Szczegółowy opis  Octal buffer/line driver; inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV240 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LV240 Datasheet HTML 2Page - NXP Semiconductors 74LV240 Datasheet HTML 3Page - NXP Semiconductors 74LV240 Datasheet HTML 4Page - NXP Semiconductors 74LV240 Datasheet HTML 5Page - NXP Semiconductors 74LV240 Datasheet HTML 6Page - NXP Semiconductors 74LV240 Datasheet HTML 7Page - NXP Semiconductors 74LV240 Datasheet HTML 8Page - NXP Semiconductors 74LV240 Datasheet HTML 9Page - NXP Semiconductors 74LV240 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV240
Octal buffer/line driver; inverting (3-State)
1998 May 20
6
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
55
Propagation delay
2.0
19
24
31
tPHL/tPLH
Pro agation delay
1An to 1Yn;
2A to 2Y
Figures 1
2.7
14
18
23
ns
2An to 2Yn
3.0 to 3.6
102
14
18
4.5 to 5.5
12
15
1.2
70
3-State output enable time
2.0
24
32
41
tPZH/tPZL
3-State out ut enable time
1OE to 1Yn;
2OE to 2Y
Figures 2
2.7
18
24
30
ns
2OE to 2Yn
3.0 to 3.6
132
19
24
4.5 to 5.5
16
20
1.2
65
3-State output disable time
2.0
24
29
36
tPHZ/tPLZ
3-State out ut disable time
1OE to 1Yn;
2OE to 2Y
Figures 2
2.7
18
22
27
ns
2OE to 2Yn
3.0 to 3.6
142
18
22
4.5 to 5.5
15
18
NOTES:
1. Unless otherwise stated, all typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3 V.
AC WAVEFORMS
VM = 1.5V at VCC ≥ 2.7V and ≤ 3.6V;
VM = 0.5V × VCC at VCC < 2.7V and ≥ 4.5V.
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC ≥ 2.7V and ≤ 3.6V
VX = VOL + 0.1V × VCC at VCC < 2.7V and 4.5V
VY = VOH – 0.3V at VCC ≥ 2.7V and ≤ 3.6V
VY = VOH – 0.1 × VCC at VCC < 2.7V and ≥ 4.5V
SV00612
VM
1An , 2An INPUT
1Yn, 2Yn OUTPUT
VM
tPLH
tPHL
GND
VOL
VI
VOH
Figure 1. Input (1An, 2An) to output (1Yn, 2Yn)
propagation delays.
SV00613
outputs
disabled
outputs
enabled
outputs
enabled
tPHZ
tPZH
tPZL
tPLZ
Qn OUTPUT
HIGH-to-OFF
OFF-to-HIGH
Qn OUTPUT
LOW-to-OFF
OFF-to-LOW
VM
VM
nOE INPUT
VX
VOL
VOH
VY
GND
GND
VCC
VI
VM
Figure 2. 3-State enable and disable times.


Podobny numer części - 74LV240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV241 PHILIPS-74LV241 Datasheet
115Kb / 12P
   Octal buffer/line driver 3-State
1998 May 20
74LV241D PHILIPS-74LV241D Datasheet
115Kb / 12P
   Octal buffer/line driver 3-State
1998 May 20
74LV241DB PHILIPS-74LV241DB Datasheet
115Kb / 12P
   Octal buffer/line driver 3-State
1998 May 20
74LV241N PHILIPS-74LV241N Datasheet
115Kb / 12P
   Octal buffer/line driver 3-State
1998 May 20
74LV241PW PHILIPS-74LV241PW Datasheet
115Kb / 12P
   Octal buffer/line driver 3-State
1998 May 20
More results

Podobny opis - 74LV240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74AHCT240 NEXPERIA-74AHCT240 Datasheet
238Kb / 13P
   Octal buffer/line driver; inverting; 3-state
Rev. 6 - 29 June 2020
logo
NXP Semiconductors
74HC540D-T NXP-74HC540D-T Datasheet
50Kb / 7P
   Octal buffer/line driver; 3-state inverting
December 1990
logo
Nexperia B.V. All right...
74HC540-Q100 NEXPERIA-74HC540-Q100 Datasheet
797Kb / 16P
   Octal buffer/line driver; 3-state; inverting
74HC240-Q100 NEXPERIA-74HC240-Q100 Datasheet
256Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 2 - 15 July 2020
74LV540A NEXPERIA-74LV540A Datasheet
740Kb / 14P
   Octal buffer/line driver; 3-state; inverting
Rev. 1 - 24 November 2016
logo
NXP Semiconductors
74HC240 NXP-74HC240 Datasheet
112Kb / 18P
   Octal buffer/line driver; 3-state; inverting
Rev. 03-2 August 2007
74HC540 PHILIPS-74HC540 Datasheet
51Kb / 7P
   Octal buffer/line driver; 3-state; inverting
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com