Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV20D Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LV20D
Szczegółowy opis  Dual 4-input NAND gate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV20D Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LV20D Datasheet HTML 1Page - NXP Semiconductors 74LV20D Datasheet HTML 2Page - NXP Semiconductors 74LV20D Datasheet HTML 3Page - NXP Semiconductors 74LV20D Datasheet HTML 4Page - NXP Semiconductors 74LV20D Datasheet HTML 5Page - NXP Semiconductors 74LV20D Datasheet HTML 6Page - NXP Semiconductors 74LV20D Datasheet HTML 7Page - NXP Semiconductors 74LV20D Datasheet HTML 8Page - NXP Semiconductors 74LV20D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LV20
Dual 4-input NAND gate
2
1998 Apr 20
853–1962 19256
FEATURES
Optimized for Low Voltage applications: 1.0 to 3.6V
Accepts TTL input levels between V
CC = 2.7V and VCC = 3.6V
Typical V
OLP (output ground bounce) t 0.8V @ VCC = 3.3V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) u 2V @ VCC = 3.3V,
Tamb = 25°C
Output capability: standard
I
CC category: SSI
DESCRIPTION
The 74LV20 is a low–voltage Si–gate CMOS device and is pin and
function compatible with 74HC/HCT20.
The 74LV20 provides the 4–input NAND function.
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr =tf v2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nA, nB, nC, nD to nY
CL = 15pF
VCC = 3.3V
8
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per gate
Notes 1 and 2
22
pF
NOTES:
1CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD
VCC2 x fi )S (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL
VCC2
fo) = sum of the outputs.
2
The condition is VI = GND to VCC
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
14-Pin Plastic DIL
–40
°C to +125°C
74LV20 N
74LV20 N
SOT27-1
14-Pin Plastic SO
–40
°C to +125°C
74LV20 D
74LV20 D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV20 DB
74LV20 DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV20 PW
74LV20PW DH
SOT402-1
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1, 9
1A to 2A
Data inputs
2, 10
1B to 2B
Data inputs
3, 11
NC
No connection
4, 12
1C to 2C
Data inputs
5, 13
1D to 2D
Data inputs
6, 8
1Y to 2Y
Data outputs
7
GND
Ground (0V)
14
VCC
Positive supply voltage
FUNCTION TABLE
INPUTS
OUTPUTS
nA
nB
nC
nD
nY
L
X
X
X
H
X
L
X
X
H
X
X
L
X
H
X
X
X
L
H
H
H
H
H
L
NOTES:
H = HIGH voltage level
L = LOW voltage level
X = Don’t care


Podobny numer części - 74LV20D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LV21A TI-74LV21A Datasheet
325Kb / 13P
[Old version datasheet]   DUAL 4-INPIT POSITIVE-AND GATES
logo
NXP Semiconductors
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74LV240D PHILIPS-74LV240D Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74LV240DB PHILIPS-74LV240DB Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74LV240N PHILIPS-74LV240N Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
More results

Podobny opis - 74LV20D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
   DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
   Dual 4-Input NAND gate
1996 Jul 01
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
   Dual 4-input NAND gate
December 1990
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
   Dual 4-input NAND gate
1989 Mar 03
logo
Toshiba Semiconductor
TC74AC20F TOSHIBA-TC74AC20F_12 Datasheet
244Kb / 7P
   Dual 4-Input NAND Gate
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
   Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
   Dual 4-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com