Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV241 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części 74LV241
Szczegółowy opis  Octal buffer/line driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV241 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  74LV241 Datasheet HTML 1Page - NXP Semiconductors 74LV241 Datasheet HTML 2Page - NXP Semiconductors 74LV241 Datasheet HTML 3Page - NXP Semiconductors 74LV241 Datasheet HTML 4Page - NXP Semiconductors 74LV241 Datasheet HTML 5Page - NXP Semiconductors 74LV241 Datasheet HTML 6Page - NXP Semiconductors 74LV241 Datasheet HTML 7Page - NXP Semiconductors 74LV241 Datasheet HTML 8Page - NXP Semiconductors 74LV241 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74LV241
Octal buffer/line driver (3-State)
1998 May 20
5
DC CHARACTERISTICS FOR THE LV FAMILY
Over recommended operating conditions. Voltages are referenced to GND (ground = 0V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
HIGH l
l I
t
VCC = 1.2V
0.9
0.9
VIH
HIGH level Input
voltage
VCC = 2.0V
1.4
1.4
V
voltage
VCC = 2.7 to 3.6V
2.0
2.0
LOW l
l I
t
VCC = 1.2V
0.3
0.3
VIL
LOW level Input
voltage
VCC = 2.0V
0.6
0.6
V
voltage
VCC = 2.7 to 3.6V
0.8
0.8
VCC = 1.2V; VI = VIH or VIL; –IO = 100µA
1.2
VO
HIGH level output
VCC = 2.0V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
V
VOH
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
V
VCC = 3.0V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
VOH
HIGH level output
voltage; BUS driver
outputs
VCC = 3.0V; VI = VIH or VIL; –IO = 8mA
2.40
2.82
2.20
V
VCC = 1.2V; VI = VIH or VIL; IO = 100µA
0
VO
LOW level output
VCC = 2.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
VOL
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
VCC = 3.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage; BUS driver
outputs
VCC = 3.0V; VI = VIH or VIL; IO = 8mA
0.20
0.40
0.50
V
II
Input leakage
current
VCC = 3.6V; VI = VCC or GND
1.0
1.0
µA
IOZ
3-State output
OFF-state current
VCC = 3.6V; VI = VIH or VIL;
VO = VCC or GND
5
10
µA
ICC
Quiescent supply
current; MSI
VCC = 3.6V; VI = VCC or GND; IO = 0
20.0
160
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7V to 3.6V; VI = VCC – 0.6V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.


Podobny numer części - 74LV241

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74LV240D PHILIPS-74LV240D Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74LV240DB PHILIPS-74LV240DB Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74LV240N PHILIPS-74LV240N Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
74LV240PW PHILIPS-74LV240PW Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
More results

Podobny opis - 74LV241

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com